Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2222910197 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 2222910197
Description  Surface-mount ceramic multilayer capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2222910197 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 2222910197 Datasheet HTML 3Page - NXP Semiconductors 2222910197 Datasheet HTML 4Page - NXP Semiconductors 2222910197 Datasheet HTML 5Page - NXP Semiconductors 2222910197 Datasheet HTML 6Page - NXP Semiconductors 2222910197 Datasheet HTML 7Page - NXP Semiconductors 2222910197 Datasheet HTML 8Page - NXP Semiconductors 2222910197 Datasheet HTML 9Page - NXP Semiconductors 2222910197 Datasheet HTML 10Page - NXP Semiconductors 2222910197 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Phycomp
Product specification
Surface-mount ceramic
multilayer capacitors
Class 2, Y5V
16/25/50 V
2003 Jul 08 Rev.7
7
www.yageo.com
ELECTRICAL CHARACTERISTICS
Class 2 capacitors; Y5V dielectric; NiSn terminations
Unless otherwise stated all electrical values apply at an ambient temperature of 25
±1 °C, an atmospheric pressure of
86 to 105 kPa, and a relative humidity of 63 to 67%.
DESCRIPTION
VALUE
Capacitance range (E6 series); note 1
10 nF to 10
µF
Tolerance on capacitance after 1000 hours
±20% (M); −20% to +80% (Z)
Tan
δ; note 1:
all 25 V and 50 V
except 0805
≥ 330 nF; 0603 /100 nF; 1206 /1 µF; 1210 /10 µF
≤5%
sizes 0805 / 330 nF; 0603 / 100 nF; 1206 /1
F
 
≤7%
25 V
0805
≥ 470 nF
≤9%
1210 /10
µF
≤12.5%
all 16 V
except 0402; 0603
≥ 330 nF; 0805 ≥ 1.5 µF; 1206 ≥ 3.3 µF; 1210 /10 µF
≤9%
sizes 0402; 0603
≥ 330 nF; 0805 ≥ 1.5 µF; 1206 ≥ 3.3 µF; 1210 /10 µF
≤12.5%
Insulation resistance after 1 minute at UR (DC):
Rins >10 GΩ or Rins × C ≥500 seconds
whichever is less
Maximum capacitance change with respect to capacitance at 25 °C
(for typical values see Fig.5)
+22% to −82%
Ageing
typical 7% per time decade
Resistance to soldering heat
260 °C; 10 seconds
Note
1.
Measured at 25
°C, 1 V, 1 kHz, using a four-gauge method.


Similar Part No. - 2222910197

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
222293111447 PHILIPS-222293111447 Datasheet
774Kb / 15P
   Surface mount ceramic multilayer capacitors
2000 Sep 11
222293111461 PHILIPS-222293111461 Datasheet
774Kb / 15P
   Surface mount ceramic multilayer capacitors
2000 Sep 11
222293111547 PHILIPS-222293111547 Datasheet
774Kb / 15P
   Surface mount ceramic multilayer capacitors
2000 Sep 11
222293111561 PHILIPS-222293111561 Datasheet
774Kb / 15P
   Surface mount ceramic multilayer capacitors
2000 Sep 11
222293151447 PHILIPS-222293151447 Datasheet
774Kb / 15P
   Surface mount ceramic multilayer capacitors
2000 Sep 11
More results

Similar Description - 2222910197

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com