Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24083 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24083
Description  1-A, SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24083 Datasheet(HTML) 5 Page - Texas Instruments

  BQ24083 Datasheet HTML 1Page - Texas Instruments BQ24083 Datasheet HTML 2Page - Texas Instruments BQ24083 Datasheet HTML 3Page - Texas Instruments BQ24083 Datasheet HTML 4Page - Texas Instruments BQ24083 Datasheet HTML 5Page - Texas Instruments BQ24083 Datasheet HTML 6Page - Texas Instruments BQ24083 Datasheet HTML 7Page - Texas Instruments BQ24083 Datasheet HTML 8Page - Texas Instruments BQ24083 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
PIN CONFIGURATION
V
SS
5
STAT2
4
STAT1
3
NC
2
IN
1
6
7
8
9
10
ISET
PG
CE
VBSEL
OUT
bq24083
bq24083
www.ti.com........................................................................................................................................................................................................ SLUS848 – MAY 2008
DRC PACKAGE
(TOP VIEW)
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
CE
9
I
Charge enable input (active-low)
N.C.
2
No Connection. Leave this pin unconnected. Used for internal test purposes.
IN
1
I
Adapter dc voltage. Connect minimum 0.1-
µF capacitor to V
SS.
Charge current. External resistor to VSS sets precharge and fast-charge current, and also the termination
ISET
6
I
current value. Can be used to monitor the charge current.
OUT
10
O
Charge current output. Connect minimum 0.1-
µF capacitor to V
SS.
PG
8
O
Power-good status output (open-drain)
STAT1
3
O
Charge status outputs (open-drain)
STAT2
4
O
VBSEL
7
I
Voltage output selection. (HI = 4.06 V, LO = 4.2 V)
VSS
5
Ground
There is an internal electrical connection between the exposed thermal pad and the VSS pin of the device.
The exposed thermal pad must be connected to the same potential as the VSS pin on the printed-circuit
Thermal pad
board. Do not use the thermal pad as the primary ground input for the device. The VSS pin must be
connected to ground at all times.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :bq24083


Similar Part No. - BQ24083

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24083 TI1-BQ24083 Datasheet
1Mb / 24P
[Old version datasheet]   ADJUSTABLE BATTERY VOLTAGE
BQ24083DRCR TI1-BQ24083DRCR Datasheet
1Mb / 24P
[Old version datasheet]   ADJUSTABLE BATTERY VOLTAGE
BQ24083DRCT TI1-BQ24083DRCT Datasheet
1Mb / 24P
[Old version datasheet]   ADJUSTABLE BATTERY VOLTAGE
BQ24083DRCTG4 TI1-BQ24083DRCTG4 Datasheet
1Mb / 24P
[Old version datasheet]   ADJUSTABLE BATTERY VOLTAGE
BQ24083 TI1-BQ24083_16 Datasheet
1Mb / 24P
[Old version datasheet]   ADJUSTABLE BATTERY VOLTAGE
More results

Similar Description - BQ24083

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24080 TI1-BQ24080_16 Datasheet
1Mb / 26P
[Old version datasheet]   1-A, SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
BQ24081 TI-BQ24081_12 Datasheet
1Mb / 25P
[Old version datasheet]   1-A, SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
BQ24080 TI-BQ24080 Datasheet
911Kb / 16P
[Old version datasheet]   SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
logo
Lowpower Semiconductor ...
LP28055 POWER-LP28055 Datasheet
298Kb / 7P
   1A Single-chip Li-ion and Li-POL Charger
logo
Texas Instruments
BQ24081-Q1 TI-BQ24081-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   bq2408x-Q1 1-A, Single Chip, Li-Ion and Li-Pol Automotive Charger
BQ24080-Q1 TI1-BQ24080-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Li-Ion and Li-Pol Automotive Charger
BQ21040 TI1-BQ21040 Datasheet
3Mb / 30P
[Old version datasheet]   Single Cell Li-Ion and Li-Pol Battery Charger
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24081 TI-BQ24081 Datasheet
163Kb / 10P
[Old version datasheet]   bq24081EVM 1-A Single-Chip Li-Ion and Li-Pol Charge Management IC Evaluation Module
logo
Lowpower Semiconductor ...
LP28021 POWER-LP28021 Datasheet
822Kb / 11P
   1.0A Single-chip Li-ion and Li-POL Charger with OVP Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com