Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAJE336J016S Datasheet(PDF) 1 Page - AVX Corporation

Part # TAJE336J016S
Description  Surface Mount Tantalum Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJE336J016S Datasheet(HTML) 1 Page - AVX Corporation

  TAJE336J016S Datasheet HTML 1Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
69
Additional information on this product is available from AVX’s catalog or AVX’s FAX Service.
Call 1-800-879-1613 and request document #069. Visit our website http://www.avxcorp.com
Surface Mount Tantalum Capacitors
TAJ Series - Solid Tantalum Chip Capacitors (EIA Standard)
HOW TO ORDER
TAJ B 335 M 016 R *
123 4 5 6 7
1 Type
2 Case Code: (See table below)
3 Capacitance Code:
pF Code: 1st two digits represent significant
figures, 3rd digit represents multiplier
(number of zeros to follow)
4 Tolerance:
K=±10%, M=±20%
(J=±5%, consult factory for details)
5 Rated DC Voltage
6 Packaging: R=7" tape and reel, S=13" tape and reel
7 Additional characters may be added for
special requirements
Dimensions: millimeters (inches)
Code
EIA
L±0.2 (0.008)
W+0.2 (0.008)
H+0.2 (0.008)
W
1±0.2 (0.008)
A+0.3 (0.012)
S Min.
Code
-0.1 (0.004)
-0.1 (0.004)
-0.2 (0.008)
A
3216
3.2 (0.126)
1.6 (0.063)
1.6 (0.063)
1.2 (0.047)
0.8 (0.031)
1.1 (0.043)
B
3528
3.5 (0.138)
2.8 (0.110)
1.9 (0.075)
2.2 (0.087)
0.8 (0.031)
1.4 (0.055)
C
6032
6.0 (0.236)
3.2 (0.126)
2.6 (0.102)
2.2 (0.087)
1.3 (0.051)
2.9 (0.114)
D
7343
7.3 (0.287)
4.3 (0.169)
2.9 (0.114)
2.4 (0.094)
1.3 (0.051)
4.4 (0.173)
E
7343H
7.3 (0.287)
4.3 (0.169)
4.1 (0.162)
2.4 (0.094)
1.3 (0.051)
4.4 (0.173)
V
6.1 (0.240)
7.3 (0.287)
3.45±0.3
3.1 (0.122)
1.4 (0.055)
3.4 (0.134)
(0.136±0.012)
W
1 dimension applies to the termination width for A dimensional area only.
L
W
H
AS
A
W1
TAPE & REEL
7"
13"
A
2,000
8,000
B
2,000
8,000
C
500
3,000
D
500
2,500
E
400
1,500
V
400
1,500
Standard Packaging
Capacitance
Rated Voltage (V
R) at 85°C
µF
Code
2V
4V
6.3V
10V
16V
20V
25V
35V
50V
0.10
104
AA
0.15
154
A
A/B
0.22
224
A
A/B
0.33
334
AB
0.47
474
A
A/B
C
0.68
684
A
A
A/B
C
1.0
105
AA
A
B
C
1.5
155
A
A
A
A/B
B/C
DC
2.2
225
A
A
A/B
A/B
B
B/C
D
3.3
335
A
A
A/B
A/B
B/C
C
D
4.7
475
A
A
A/B
B
B/C
C
C/D
D
6.8
685
A
A/B
A/B
B/C
B/C
C
D
D
10
106
A
A/B
B/C
B/C
C
C/D
D
15
156
B
B
B/C
C
C/D
DD
22
226
B/C
C
C/D
D
D
E
33
336
/
C
C/D
D
D
E
47
476
C/D
D
D
68
686
/
C/D
D
D
E
100
107
/
D
D
E
/
150
157
/
E
220
227
/
/
E
/
330
337
E
E
/
/
470
477
/
680
687
1000
108
1500
158
Capacitance and Voltage Range (letter denotes case code)
BOLD = Standard Range
= Extended Range
= Development Range


Similar Part No. - TAJE336J016S

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJE336*025#NJ AVX-TAJE336*025#NJ Datasheet
141Kb / 8P
   Standard Tantalum, General purpose SMT chip tantalum series
TAJE336*035#NJ AVX-TAJE336*035#NJ Datasheet
141Kb / 8P
   Standard Tantalum, General purpose SMT chip tantalum series
TAJE336*035TNJV AVX-TAJE336*035TNJV Datasheet
141Kb / 8P
   Standard Tantalum, General purpose SMT chip tantalum series
TAJE336035TNJ AVX-TAJE336035TNJ Datasheet
140Kb / 8P
   TAJ Series Standard Tantalum
TAJE336K025RNJ AVX-TAJE336K025RNJ Datasheet
90Kb / 4P
   Standard Tantalum
More results

Similar Description - TAJE336J016S

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491B106K016ZT KEMET-T491B106K016ZT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum Tantalum Surface Mount Capacitors ??Standard Tantalum
T493D227K006CH612A KEMET-T493D227K006CH612A Datasheet
3Mb / 61P
   Tantalum Surface Mount Capacitors
logo
AVX Corporation
TAJB226M010R AVX-TAJB226M010R Datasheet
902Kb / 51P
   Surface Mount Tantalum Capacitors
logo
Kemet Corporation
T491B106M016AT KEMET-T491B106M016AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
T491X157K020AT KEMET-T491X157K020AT_15 Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
T491D106K020AT KEMET-T491D106K020AT Datasheet
488Kb / 1P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
AVX Corporation
TAJA105K025RNJ AVX-TAJA105K025RNJ Datasheet
895Kb / 51P
   Surface Mount Tantalum Capacitors
logo
Vishay Siliconix
293D107X9010D2WE3 VISHAY-293D107X9010D2WE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
438417 VISHAY-438417 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
logo
Kemet Corporation
T496X227M010ATE500 KEMET-T496X227M010ATE500 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??Fused
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com