Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2222782197 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 2222782197
Description  Surface-mount ceramic multilayer capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2222782197 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 2222782197 Datasheet HTML 3Page - NXP Semiconductors 2222782197 Datasheet HTML 4Page - NXP Semiconductors 2222782197 Datasheet HTML 5Page - NXP Semiconductors 2222782197 Datasheet HTML 6Page - NXP Semiconductors 2222782197 Datasheet HTML 7Page - NXP Semiconductors 2222782197 Datasheet HTML 8Page - NXP Semiconductors 2222782197 Datasheet HTML 9Page - NXP Semiconductors 2222782197 Datasheet HTML 10Page - NXP Semiconductors 2222782197 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Phycomp
Product specification
Surface-mount ceramic
multilayer capacitors
Class 2, Y5V
16/25/50 V
2003 Jul 08 Rev.7
8
www.yageo.com
050
0
100
80
MBD076
60
40
20
10
20
30
40
C
(%)
V
(V)
DC
C
Fig.3
Typical capacitance change with respect to
the capacitance at 1 V as a function of
DC voltage at 25
°C.
25
100
0
500
MBD078
1000
1500
2000
0
255075
T ( C)
o
tan
δ
(x 10
)
4
Fig.4
Typical tan
δ as a function of temperature.
25
100
25
100
75
MBD077
50
25
0
0
255075
T ( C)
o
C
(%)
C
Fig.5
Typical capacitance change
as a function of temperature.


Similar Part No. - 2222782197

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2222 ETC1-2222 Datasheet
32Kb / 1P
   high Current Toroid Inductors
2222 ETC2-2222 Datasheet
355Kb / 1P
   INTERCONNECT BATTERY HOLDERS
logo
NXP Semiconductors
2222-150-95102 NXP-2222-150-95102 Datasheet
653Kb / 10P
   RF Power LDMOS Transistor N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 5/2014
logo
Bourns Electronic Solut...
2222-H BOURNS-2222-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2222-RC BOURNS-2222-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors
More results

Similar Description - 2222782197

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com