Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4090 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4090
Description  3V/5V, 6dB Video Buffer with Sync-Tip Clamp and 150nA Shutdown Current
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4090 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4090 Datasheet HTML 2Page - Maxim Integrated Products MAX4090 Datasheet HTML 3Page - Maxim Integrated Products MAX4090 Datasheet HTML 4Page - Maxim Integrated Products MAX4090 Datasheet HTML 5Page - Maxim Integrated Products MAX4090 Datasheet HTML 6Page - Maxim Integrated Products MAX4090 Datasheet HTML 7Page - Maxim Integrated Products MAX4090 Datasheet HTML 8Page - Maxim Integrated Products MAX4090 Datasheet HTML 9Page - Maxim Integrated Products MAX4090 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
3V/5V, 6dB Video Buffer with Sync-Tip Clamp
and 150nA Shutdown Current
6
_______________________________________________________________________________________
SMALL-SIGNAL PULSE RESPONSE
MAX4090 toc17
VOUT
50mV/div
VIN
25mV/div
10ns/div
Typical Operating Characteristics (continued)
(VCC = 3.0V, GND = 0V, FB shorted to OUT, CIN = 0.1µF, RIN = 75
Ω to GND, RL = 150Ω to GND, SHDN = VCC, TA = +25°C, unless
otherwise noted.)
DIFFERENTIAL GAIN AND PHASE
-1.0
-2.0
0
1.0
2.0
0123456
0123456
-0.5
-1.0
0
0.5
1.0
Pin Description
Typical Application Circuit
MAX4090
CLAMP
IN
OUT
FB
GND
VCC
SHDN
RL
RIN
PIN
SOT23/
SC70
µDFN
NAME
FUNCTION
14
OUT
Video Output
22
GND
Ground
33
IN
Video Input
41VCC
Power-Supply Voltage. Bypass
with a 0.1µF capacitor to
ground as close to pin as
possible.
55
SHDN
Shutdown. Pull
SHDN low to
place the MAX4090 in low-
power shutdown mode.
66
FB
Feedback. Connect to OUT.


Similar Part No. - MAX4090

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4090 MAXIM-MAX4090 Datasheet
651Kb / 12P
   3V/5V, 6dB Video Buffer with Sync-Tip Clamp and 150nA Shutdown Current
Rev 2; 8/04
MAX4090 MAXIM-MAX4090 Datasheet
389Kb / 17P
   3V/5V, 6dB Video Buffer with Sync-Tip Clamp and 150nA Shutdown Current
Rev 4; 11/09
MAX4090 MAXIM-MAX4090 Datasheet
86Kb / 6P
   Single 2.7V to 5V Supply Operation
Rev 0; 1/09
MAX4090AALT-T MAXIM-MAX4090AALT-T Datasheet
389Kb / 17P
   3V/5V, 6dB Video Buffer with Sync-Tip Clamp and 150nA Shutdown Current
Rev 4; 11/09
MAX4090AAUT-T MAXIM-MAX4090AAUT-T Datasheet
389Kb / 17P
   3V/5V, 6dB Video Buffer with Sync-Tip Clamp and 150nA Shutdown Current
Rev 4; 11/09
More results

Similar Description - MAX4090

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4090 MAXIM-MAX4090 Datasheet
651Kb / 12P
   3V/5V, 6dB Video Buffer with Sync-Tip Clamp and 150nA Shutdown Current
Rev 2; 8/04
MAX4090 MAXIM-MAX4090_09 Datasheet
389Kb / 17P
   3V/5V, 6dB Video Buffer with Sync-Tip Clamp and 150nA Shutdown Current
Rev 4; 11/09
MAX4032 MAXIM-MAX4032 Datasheet
208Kb / 10P
   5V, 6dB Video Buffer with Sync-Tip Clamp, Output Sag Correction, and 150nA Shutdown Current
Rev 0; 10/03
MAX9504 MAXIM-MAX9504 Datasheet
474Kb / 10P
   3V/5V, 6dB Video Amplifiers with High Output-Current Capability
19-3750; Rev 0; 7/05
MAX9504A MAXIM-MAX9504A Datasheet
474Kb / 10P
   3V/5V, 6dB Video Amplifiers with High Output-Current Capability
19-3750; Rev 0; 7/05
logo
Texas Instruments
OPA360 TI1-OPA360 Datasheet
1Mb / 24P
[Old version datasheet]   3V Video Amplifier with 6dB Gain and Filter
logo
Burr-Brown (TI)
OPA360 BURR-BROWN-OPA360 Datasheet
329Kb / 15P
   3V Video Amplifier with 6dB Gain and Filter in SC70
logo
Maxim Integrated Produc...
MAX9657 MAXIM-MAX9657 Datasheet
278Kb / 15P
   Quad Video (Filter) Amplifiers with Input Sync-Tip Clamps
Rev 0; 2/09
logo
Gennum Corporation
GB4550 GENNUM-GB4550 Datasheet
152Kb / 5P
   Monolithic Video Buffer/Clamp
GB4570 GENNUM-GB4570 Datasheet
149Kb / 5P
   Monolithic Video Buffer/Clamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com