Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4090AAXT-T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4090AAXT-T
Description  3V/5V, 6dB Video Buffer with Sync-Tip Clamp and 150nA Shutdown Current
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4090AAXT-T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4090AAXT-T Datasheet HTML 1Page - Maxim Integrated Products MAX4090AAXT-T Datasheet HTML 2Page - Maxim Integrated Products MAX4090AAXT-T Datasheet HTML 3Page - Maxim Integrated Products MAX4090AAXT-T Datasheet HTML 4Page - Maxim Integrated Products MAX4090AAXT-T Datasheet HTML 5Page - Maxim Integrated Products MAX4090AAXT-T Datasheet HTML 6Page - Maxim Integrated Products MAX4090AAXT-T Datasheet HTML 7Page - Maxim Integrated Products MAX4090AAXT-T Datasheet HTML 8Page - Maxim Integrated Products MAX4090AAXT-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
3V/5V, 6dB Video Buffer with Sync-Tip Clamp
and 150nA Shutdown Current
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VCC = 3.0V, GND = 0V, FB shorted to OUT, CIN = 0.1µF, RIN = 75
Ω to GND, RL = 150Ω to GND, SHDN = VCC, TA = +25°C, unless
otherwise noted.)
SMALL-SIGNAL GAIN
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
-5
-4
-3
-2
-1
0
1
2
3
-6
100k
100M
AV = 2
VCC = 3V
VOUT = 100mVP-P
SMALL-SIGNAL GAIN FLATNESS
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
-0.6
100k
100M
AV = 2
VCC = 3V
VOUT = 100mVP-P
SMALL-SIGNAL GAIN
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
-5
-4
-3
-2
-1
0
1
2
3
-6
100k
100M
AV = 2
VCC = 5V
VOUT = 100mVP-P
SMALL-SIGNAL GAIN FLATNESS
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
-0.6
100k
100M
AV = 2
VCC = 5V
VOUT = 100mVP-P
LARGE-SIGNAL GAIN
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
-5
-4
-3
-2
-1
0
1
2
3
-6
100k
100M
AV = 2
VCC = 3V
VOUT = 2VP-P
LARGE-SIGNAL GAIN FLATNESS
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
-0.6
100k
100M
AV = 2
VCC = 3V
VOUT = 2VP-P
LARGE-SIGNAL GAIN
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
-5
-4
-3
-2
-1
0
1
2
3
-6
100k
100M
AV = 2
VCC = 5V
VOUT = 2VP-P
LARGE-SIGNAL GAIN FLATNESS
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
-0.6
100k
100M
AV = 2
VCC = 5V
VOUT = 2VP-P
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
100k
-70
-60
-50
-40
-30
-20
-10
0
-80
10k
100M
VCC = 3V


Similar Part No. - MAX4090AAXT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4090AAXT-T MAXIM-MAX4090AAXT-T Datasheet
389Kb / 17P
   3V/5V, 6dB Video Buffer with Sync-Tip Clamp and 150nA Shutdown Current
Rev 4; 11/09
More results

Similar Description - MAX4090AAXT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4090 MAXIM-MAX4090 Datasheet
651Kb / 12P
   3V/5V, 6dB Video Buffer with Sync-Tip Clamp and 150nA Shutdown Current
Rev 2; 8/04
MAX4090 MAXIM-MAX4090_09 Datasheet
389Kb / 17P
   3V/5V, 6dB Video Buffer with Sync-Tip Clamp and 150nA Shutdown Current
Rev 4; 11/09
MAX4032 MAXIM-MAX4032 Datasheet
208Kb / 10P
   5V, 6dB Video Buffer with Sync-Tip Clamp, Output Sag Correction, and 150nA Shutdown Current
Rev 0; 10/03
MAX9504 MAXIM-MAX9504 Datasheet
474Kb / 10P
   3V/5V, 6dB Video Amplifiers with High Output-Current Capability
19-3750; Rev 0; 7/05
MAX9504A MAXIM-MAX9504A Datasheet
474Kb / 10P
   3V/5V, 6dB Video Amplifiers with High Output-Current Capability
19-3750; Rev 0; 7/05
logo
Texas Instruments
OPA360 TI1-OPA360 Datasheet
1Mb / 24P
[Old version datasheet]   3V Video Amplifier with 6dB Gain and Filter
logo
Burr-Brown (TI)
OPA360 BURR-BROWN-OPA360 Datasheet
329Kb / 15P
   3V Video Amplifier with 6dB Gain and Filter in SC70
logo
Maxim Integrated Produc...
MAX9657 MAXIM-MAX9657 Datasheet
278Kb / 15P
   Quad Video (Filter) Amplifiers with Input Sync-Tip Clamps
Rev 0; 2/09
logo
Gennum Corporation
GB4550 GENNUM-GB4550 Datasheet
152Kb / 5P
   Monolithic Video Buffer/Clamp
GB4570 GENNUM-GB4570 Datasheet
149Kb / 5P
   Monolithic Video Buffer/Clamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com