Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVCP40 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN65LVCP40
Description  DC TO 4-GBPS DUAL 1:2 MULTIPLEXER/REPEATER/EQUALIZER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVCP40 Datasheet(HTML) 3 Page - Texas Instruments

  SN65LVCP40_08 Datasheet HTML 1Page - Texas Instruments SN65LVCP40_08 Datasheet HTML 2Page - Texas Instruments SN65LVCP40_08 Datasheet HTML 3Page - Texas Instruments SN65LVCP40_08 Datasheet HTML 4Page - Texas Instruments SN65LVCP40_08 Datasheet HTML 5Page - Texas Instruments SN65LVCP40_08 Datasheet HTML 6Page - Texas Instruments SN65LVCP40_08 Datasheet HTML 7Page - Texas Instruments SN65LVCP40_08 Datasheet HTML 8Page - Texas Instruments SN65LVCP40_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
V
CC *
|V
ID
|
2
ELECTRICAL CHARACTERISTICS
SN65LVCP40
SLLS623D – SEPTEMBER 2004 – REVISED FEBRUARY 2006
MIN
NOM
MAX
UNIT
dR
Operating data rate
4
Gbps
VCC
Supply voltage
3.135
3.3
3.465
V
VCC(N)
Supply voltage noise amplitude
10 Hz to 2 GHz
20
mV
TJ
Junction temperature
125
°C
TA
Operating free-air temperature(1)
-40
85
°C
DIFFERENTIAL INPUTS
dR(in) ≤ 1.25 Gbps
100
1750
mVpp
Receiver peak-to-peak differential input
VID
1.25 Gbps < dR(in) ≤ 3.125 Gbps
100
1560
mVpp
voltage(2)
dR(in) > 3.125 Gbps
100
1000
mVpp
Receiver common-mode
Note: for best jitter performance ac
VICM
1.5
1.6
V
input voltage
coupling is recommended.
CONTROL INPUTS
VIH
High-level input voltage
2
VCC + 0.3
V
VIL
Low-level input voltage
–0.3
0.8
V
DIFFERENTIAL OUTPUTS
RL
Differential load resistance
80
100
120
(1)
Maximum free-air temperature operation is allowed as long as the device maximum junction temperature is not exceeded.
(2)
Differential input voltage VID is defined as | IN+ – IN– |.
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
DIFFERENTIAL INPUTS
Positive going differential
VIT+
50
mV
input high threshold
Negative going differential
VIT–
–50
mV
input low threshold
A(EQ)
Equalizer gain
From 375 MHz to 1.875 GHz
5
dB
Termination resistance,
RT(D)
80
100
120
differential
Open-circuit Input voltage
VBB
AC-coupled inputs
1.6
V
(input self-bias voltage)
Biasing network dc
R(BBDC)
30
k
impedance
375 MHz
42
Biasing network ac
R(BBAC)
impedance
1.875 GHz
8.4
DIFFERENTIAL OUTPUTS
VOH
High-level output voltage
RL = 100 Ω±1%,
650
mVpp
PRES_1 = PRES_0=0;
VOL
Low-level output voltage
–650
mVpp
PREL_1 = PREL_0=0; 4 Gbps alternating
Output differential voltage
1010-pattern;
VODB(PP)
1000
1300
1500
mVpp
without preemphasis(2)
Figure 1
VOCM
Output common mode voltage
1.65
V
Change in steady-state
See Figure 6
∆V
OC(SS)
common-mode output voltage
1
mV
between logic states
(1)
All typical values are at TA = 25°C and VCC = 3.3 V supply unless otherwise noted. They are for reference purposes and are not
production tested.
(2)
Differential output voltage V(ODB) is defined as | OUT+ – OUT– |.
3
Submit Documentation Feedback


Similar Part No. - SN65LVCP40_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP40 TI-SN65LVCP40_07 Datasheet
1Mb / 23P
[Old version datasheet]   DC TO 4-GBPS DUAL 1:2 MULTIPLEXER/REPEATER/EQUALIZER
More results

Similar Description - SN65LVCP40_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP40 TI-SN65LVCP40 Datasheet
986Kb / 19P
[Old version datasheet]   DC TO 4-GBPS DUAL 1:2 MULTIPLEXER/REPEATER/EQUALIZER
SN65LVCP40 TI-SN65LVCP40_07 Datasheet
1Mb / 23P
[Old version datasheet]   DC TO 4-GBPS DUAL 1:2 MULTIPLEXER/REPEATER/EQUALIZER
SN65LVCP40 TI1-SN65LVCP40_14 Datasheet
1Mb / 25P
[Old version datasheet]   DC TO 4-GBPS DUAL 1:2 MULTIPLEXER/REPEATER/EQUALIZER
DS10BR254 TI1-DS10BR254_15 Datasheet
1Mb / 19P
[Old version datasheet]   1.5 Gbps 1:4 LVDS Repeater
logo
National Semiconductor ...
DS10BR254 NSC-DS10BR254 Datasheet
286Kb / 14P
   1.5 Gbps 1:4 LVDS Repeater
DS10BR254 NSC-DS10BR254_08 Datasheet
287Kb / 14P
   1.5 Gbps 1:4 LVDS Repeater
logo
ON Semiconductor
MC10H174 ONSEMI-MC10H174_06 Datasheet
154Kb / 6P
   Dual 4 to 1 Multiplexer
February, 2006 ??Rev. 8
MC10174 ONSEMI-MC10174_02 Datasheet
91Kb / 4P
   Dual 4 to 1 Multiplexer
January, 2002 ??Rev. 7
MC10174 ONSEMI-MC10174 Datasheet
110Kb / 4P
   Dual 4 to 1 Multiplexer
1996 REV 5
logo
Microchip Technology
EQCO125X40 MICROCHIP-EQCO125X40 Datasheet
408Kb / 8P
   12.5 Gbps Asymmetric Equalizer/Driver/Repeater Product Brief
02/28/20B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com