Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB80PF55 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB80PF55
Description  P-channel 55V - 0.016廓 - 80A - TO-220 - D2PAK STripFET??II Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB80PF55 Datasheet(HTML) 1 Page - STMicroelectronics

  STB80PF55_06 Datasheet HTML 1Page - STMicroelectronics STB80PF55_06 Datasheet HTML 2Page - STMicroelectronics STB80PF55_06 Datasheet HTML 3Page - STMicroelectronics STB80PF55_06 Datasheet HTML 4Page - STMicroelectronics STB80PF55_06 Datasheet HTML 5Page - STMicroelectronics STB80PF55_06 Datasheet HTML 6Page - STMicroelectronics STB80PF55_06 Datasheet HTML 7Page - STMicroelectronics STB80PF55_06 Datasheet HTML 8Page - STMicroelectronics STB80PF55_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
September 2006
Rev. 5
1/13
13
STB80PF55
STP80PF55
P-channel 55V - 0.016
Ω - 80A - TO-220 - D2PAK
STripFET™ II Power MOSFET
General features
Extremely dv/dt capability
100% avalanche tested
Application oriented characterization
Description
This Power MOSFET is the laest development of
STMicroelectronics unique “Single feature
size™”strip-based process. The resulting
transistor shows extremely high packing density
for low on-resistance, rugged avalanche
characteristics and less critical alignment steps
therefore a remarkable manufacturing
reproducibility.
Applications
Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STP80PF55
55V
<0.018
80A
STB80PF55
55V
<0.018
80A
1
2
3
TO-220
1
3
D2PAK
www.st.com
Order codes
Part number
Marking
Package
Packaging
STP80PF55
P80PF55
TO-220
Tube
STB80PF55
B80PF55
D2PAK
Tape & reel


Similar Part No. - STB80PF55_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB80PF55T4 STMICROELECTRONICS-STB80PF55T4 Datasheet
348Kb / 16P
   P-channel 55 V, 0.016 廓, 80 A TO-220, D2PAK STripFETTM II Power MOSFET
STB80PF55 STMICROELECTRONICS-STB80PF55_10 Datasheet
348Kb / 16P
   P-channel 55 V, 0.016 廓, 80 A TO-220, D2PAK STripFETTM II Power MOSFET
More results

Similar Description - STB80PF55_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB80PF55 STMICROELECTRONICS-STB80PF55 Datasheet
175Kb / 7P
   P-CHANNEL 55V - 0.016 ohm - 80A D2PAK STripFET??II POWER MOSFET
STP80PF55 STMICROELECTRONICS-STP80PF55 Datasheet
104Kb / 6P
   P-CHANNEL 55V - 0.016 ohm - 80A TO-220 STripFET??II POWER MOSFET
STB140NF55 STMICROELECTRONICS-STB140NF55_07 Datasheet
483Kb / 15P
   N-channel 55V - 0.0065廓 - 80A - D2PAK - I2PAK - TO-220 STripFET??II Power MOSFET
STB141NF55 STMICROELECTRONICS-STB141NF55 Datasheet
358Kb / 15P
   N-channel 55V - 0.0065廓 - 80A - D2PAK - I2PAK - TO-220 STripFET??II Power MOSFET
STP80NF55L-08 STMICROELECTRONICS-STP80NF55L-08 Datasheet
320Kb / 8P
   N-CHANNEL 55V - 0.0065ohm - 80A - TO-220/D2PAK STripFET??II POWER MOSFET
STB85NF55L STMICROELECTRONICS-STB85NF55L Datasheet
370Kb / 10P
   N-CHANNEL 55V - 0.0060 ohm - 80A D2PAK/TO-220 STripFET??II POWER MOSFET
STB85NF55 STMICROELECTRONICS-STB85NF55 Datasheet
376Kb / 10P
   N-CHANNEL 55V - 0.0062 ohm - 80A D2PAK/TO-220 STripFET??II POWER MOSFET
STB140NF55 STMICROELECTRONICS-STB140NF55 Datasheet
280Kb / 11P
   N-CHANNEL 55V - 0.0065 ohm - 80A TO-220/D2PAK STripFET II POWER MOSFET
STB80NF55-06 STMICROELECTRONICS-STB80NF55-06 Datasheet
533Kb / 7P
   N-channel 55V - 0.005 - 80A - TO-220 /FP - I2PAK - D2PAK STripFET II Power MOSFET
STP80NF55-08 STMICROELECTRONICS-STP80NF55-08 Datasheet
353Kb / 11P
   N-CHANNEL 55V - 0.0065 ohm - 80A D2PAK/I2PAK/TO-220 STripFET??II POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com