Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVT16500DL Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74LVT16500DL
Description  3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVT16500DL Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVT16500DL Datasheet HTML 1Page - Texas Instruments SN74LVT16500DL Datasheet HTML 2Page - Texas Instruments SN74LVT16500DL Datasheet HTML 3Page - Texas Instruments SN74LVT16500DL Datasheet HTML 4Page - Texas Instruments SN74LVT16500DL Datasheet HTML 5Page - Texas Instruments SN74LVT16500DL Datasheet HTML 6Page - Texas Instruments SN74LVT16500DL Datasheet HTML 7Page - Texas Instruments SN74LVT16500DL Datasheet HTML 8Page - Texas Instruments SN74LVT16500DL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SN54LVT16500, SN74LVT16500
3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS146D – MAY 1992 – REVISED NOVEMBER 1996
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
Data flow for B to A is similar to that of A to B but uses OEBA, LEBA, and CLKBA. The output enables are
complementary (OEAB is active high and OEBA is active low).
Active bus-hold circuitry is provided to hold unused or floating data inputs at a valid logic level.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver. OE
should be tied to GND through a pulldown resistor; the minimum value of the resistor is determined by the
current-sourcing capability of the driver.
The SN74LVT16500 is available in TI’s shrink small-outline (DL) and thin shrink small-outline (DGG) packages,
which provide twice the I/O pin count and functionality of standard small-outline packages in the same printed
circuit board area.
The SN54LVT16500 is characterized for operation over the full military temperature range of –55
°C to 125°C.
The SN74LVT16500 is characterized for operation from –40
°C to 85°C.
FUNCTION TABLE†
INPUTS
OUTPUT
OEAB
LEAB
CLKAB
A
B
L
X
X
X
Z
H
HX
L
L
H
HX
H
H
H
L
LL
H
L
HH
H
LH
X
B0‡
H
L
L
X
B0§
† A-to-B data flow is shown: B-to-A flow is similar but
uses OEBA, LEBA, and CLKBA.
‡ Output level before the indicated steady-state input
conditions were established
§ Output level before the indicated steady-state input
conditions were established, provided that CLKAB
was low before LEAB went low


Similar Part No. - SN74LVT16500DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVT16500DL TI-SN74LVT16500DL Datasheet
152Kb / 9P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVT16500DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH16501 TI-SN54LVTH16501 Datasheet
204Kb / 12P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16500 TI-SN54LVTH16500 Datasheet
135Kb / 9P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16500 TI-SN54LVTH16500_03 Datasheet
391Kb / 16P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16501 TI-SN54LVTH16501_07 Datasheet
346Kb / 14P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16500 TI-SN54LVT16500 Datasheet
152Kb / 9P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16501 TI-SN54LVT16501 Datasheet
203Kb / 12P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74LVTH16835-EP TI1-SN74LVTH16835-EP Datasheet
309Kb / 11P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74LVTH16501-EP TI1-SN74LVTH16501-EP Datasheet
302Kb / 10P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN54LVTH16835 TI-SN54LVTH16835 Datasheet
121Kb / 8P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS DRIVERS WITH 3-STATE OUTPUTS
SN74LVT16835 TI-SN74LVT16835 Datasheet
109Kb / 7P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com