Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVT16500DLR Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74LVT16500DLR
Description  3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVT16500DLR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LVT16500DLR Datasheet HTML 3Page - Texas Instruments SN74LVT16500DLR Datasheet HTML 4Page - Texas Instruments SN74LVT16500DLR Datasheet HTML 5Page - Texas Instruments SN74LVT16500DLR Datasheet HTML 6Page - Texas Instruments SN74LVT16500DLR Datasheet HTML 7Page - Texas Instruments SN74LVT16500DLR Datasheet HTML 8Page - Texas Instruments SN74LVT16500DLR Datasheet HTML 9Page - Texas Instruments SN74LVT16500DLR Datasheet HTML 10Page - Texas Instruments SN74LVT16500DLR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
SN54LVT16500, SN74LVT16500
3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS146D – MAY 1992 – REVISED NOVEMBER 1996
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted) (see Figure 1)
SN54LVT16500
SN74LVT16500
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
0
150
0
125
0
150
0
125
MHz
t
Pulse duration
LE high
3.3
3.3
3.3
3.3
ns
tw
Pulse duration
CLK high or low
3.3
3.3
3.3
3.3
ns
A before CLKAB
1.8
1.1
1.8
1.1
t
Setup time
B before CLKBA
1.9
1.2
1.9
1.2
ns
tsu
Setup time
A or B before LE
↓ , CLK high
2.2
1.3
2.2
1.3
ns
A or B before LE
↓ , CLK low
2.7
1.9
2.7
1.9
th
Hold time
A or B after CLK
1.2
1.2
1.2
1.2
ns
th
Hold time
A or B after LE
0.9
1.1
0.9
1.1
ns
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
SN54LVT16500
SN74LVT16500
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
UNIT
MIN
MAX
MIN
MAX
MIN
TYP†
MAX
MIN
MAX
fmax
150
125
150
125
MHz
tPLH
BorA
AorB
1.7
5.8
7
1.7
3
5.4
6.8
ns
tPHL
B or A
A or B
1.6
6
7.8
1.6
3.2
5.9
7.7
ns
tPLH
LEBA or LEAB
AorB
2.3
7.3
8.9
2.3
4
7
8.5
ns
tPHL
LEBA or LEAB
A or B
2.7
8.2
9.8
2.7
4.3
7.9
9.7
ns
tPLH
CLKBA or
AorB
2
7.4
8.8
2
4.1
7
8.3
ns
tPHL
CLKAB
A or B
2.4
8.1
10
2.4
4.4
7.9
9.9
ns
tPZH
OEBA or
AorB
1.2
5.2
6.1
1.2
3
5
5.9
ns
tPZL
OEAB
A or B
1.5
5.9
7
1.5
3
5.8
6.9
ns
tPHZ
OEBA or
AorB
2.7
7.7
8.6
2.7
4.6
7.4
8.3
ns
tPLZ
OEAB
A or B
2.8
7.3
7.7
2.8
4.7
6.7
7.2
ns
† All typical values are at VCC = 3.3 V, TA = 25°C.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74LVT16500DLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVT16500DL TI-SN74LVT16500DL Datasheet
152Kb / 9P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVT16500DLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH16501 TI-SN54LVTH16501 Datasheet
204Kb / 12P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16500 TI-SN54LVTH16500 Datasheet
135Kb / 9P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16500 TI-SN54LVTH16500_03 Datasheet
391Kb / 16P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16501 TI-SN54LVTH16501_07 Datasheet
346Kb / 14P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16500 TI-SN54LVT16500 Datasheet
152Kb / 9P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16501 TI-SN54LVT16501 Datasheet
203Kb / 12P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74LVTH16835-EP TI1-SN74LVTH16835-EP Datasheet
309Kb / 11P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74LVTH16501-EP TI1-SN74LVTH16501-EP Datasheet
302Kb / 10P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN54LVTH16835 TI-SN54LVTH16835 Datasheet
121Kb / 8P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS DRIVERS WITH 3-STATE OUTPUTS
SN74LVT16835 TI-SN74LVT16835 Datasheet
109Kb / 7P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com