Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74CBT16390DGVRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # 74CBT16390DGVRG4
Description  16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74CBT16390DGVRG4 Datasheet(HTML) 2 Page - Texas Instruments

  74CBT16390DGVRG4 Datasheet HTML 1Page - Texas Instruments 74CBT16390DGVRG4 Datasheet HTML 2Page - Texas Instruments 74CBT16390DGVRG4 Datasheet HTML 3Page - Texas Instruments 74CBT16390DGVRG4 Datasheet HTML 4Page - Texas Instruments 74CBT16390DGVRG4 Datasheet HTML 5Page - Texas Instruments 74CBT16390DGVRG4 Datasheet HTML 6Page - Texas Instruments 74CBT16390DGVRG4 Datasheet HTML 7Page - Texas Instruments 74CBT16390DGVRG4 Datasheet HTML 8Page - Texas Instruments 74CBT16390DGVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SN74CBT16390
16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
SCDS035E – OCTOBER 1997 – REVISED OCTOBER 2000
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
FUNCTION TABLE
INPUTS
FUNCTION
OE1
OE2
FUNCTION
L
L
A = 1B and A = 2B
L
H
A = 1B
H
L
A = 2B
H
H
Isolation
logic diagram (positive logic)
1B16
1B1
A16
A1
OE1
2B1
2B16
OE2
1
31
30
29
56
2
32
26
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
–0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous channel current
128 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
–50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): DGG package
64
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DGV package
48
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DL package
56
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions (see Note 3)
MIN
MAX
UNIT
VCC
Supply voltage
4.5
5.5
V
VIH
High-level control input voltage
2
V
VIL
Low-level control input voltage
0.8
V
TA
Operating free-air temperature
–40
85
°C
NOTE 3: All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


Similar Part No. - 74CBT16390DGVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74CBT16209ADGGRE4 TI-74CBT16209ADGGRE4 Datasheet
346Kb / 14P
[Old version datasheet]   18-BIT FET BUS-EXCHANGE SWITCHES
74CBT16209ADGGRG4 TI-74CBT16209ADGGRG4 Datasheet
346Kb / 14P
[Old version datasheet]   18-BIT FET BUS-EXCHANGE SWITCHES
74CBT16209ADGGRG4 TI1-74CBT16209ADGGRG4 Datasheet
768Kb / 14P
[Old version datasheet]   18-BIT FET BUS-EXCHANGE SWITCHES
74CBT16209ADGVRE4 TI-74CBT16209ADGVRE4 Datasheet
346Kb / 14P
[Old version datasheet]   18-BIT FET BUS-EXCHANGE SWITCHES
74CBT16209ADGVRG4 TI-74CBT16209ADGVRG4 Datasheet
346Kb / 14P
[Old version datasheet]   18-BIT FET BUS-EXCHANGE SWITCHES
More results

Similar Description - 74CBT16390DGVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT16390 TI-SN74CBT16390 Datasheet
75Kb / 5P
[Old version datasheet]   16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
SN74CBT16390 TI-SN74CBT16390_07 Datasheet
303Kb / 11P
[Old version datasheet]   16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
logo
Fairchild Semiconductor
FST16233 FAIRCHILD-FST16233 Datasheet
100Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
FSTU32160A FAIRCHILD-FSTU32160A Datasheet
96Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
FST16233MTDX FAIRCHILD-FST16233MTDX Datasheet
101Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
FST16233 ONSEMI-FST16233 Datasheet
203Kb / 8P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
Revised November 2000
logo
Fairchild Semiconductor
FST16232 FAIRCHILD-FST16232 Datasheet
98Kb / 6P
   Synchronous 16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
FSTU32160 FAIRCHILD-FSTU32160_06 Datasheet
118Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch with ??V Undershoot Protection
FSTU32160 FAIRCHILD-FSTU32160 Datasheet
96Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch with -2V Undershoot Protection
FSTU32160MTDX FAIRCHILD-FSTU32160MTDX Datasheet
124Kb / 7P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch with ??V Undershoot Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com