Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS78618DCQR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS78618DCQR
Description  ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS78618DCQR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS78618DCQR Datasheet HTML 6Page - Texas Instruments TPS78618DCQR Datasheet HTML 7Page - Texas Instruments TPS78618DCQR Datasheet HTML 8Page - Texas Instruments TPS78618DCQR Datasheet HTML 9Page - Texas Instruments TPS78618DCQR Datasheet HTML 10Page - Texas Instruments TPS78618DCQR Datasheet HTML 11Page - Texas Instruments TPS78618DCQR Datasheet HTML 12Page - Texas Instruments TPS78618DCQR Datasheet HTML 13Page - Texas Instruments TPS78618DCQR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
www.ti.com
THERMAL INFORMATION
T
J + TA ) PDmax
R
qJC )
R
qCS )
R
qSA
(5)
P
D max
+ VIN(avg) * VOUT(avg)
I
OUT(avg) ) VIN(avg)
I
Q
A
B
C
TJ
A
RθJC
TC
B
RθCS
TA
C
RθSA
(a)
(b)
DDPAK Package
SOT223 Package
CIRCUIT BOARD COPPER AREA
B
A
C
TPS786xx
SLVS389G – SEPTEMBER 2002 – REVISED JULY 2006
increase in temperature due to the regulator power
The amount of heat that an LDO linear regulator
dissipation. The temperature rise is computed by
generates is directly proportional to the amount of
multiplying the maximum expected power dissipation
power it dissipates during operation. All integrated
by the sum of the thermal resistances between the
circuits
have
a
maximum
allowable
junction
junction and the case (RθJC), the case to heatsink
temperature (TJmax) above which normal operation
(RθCS), and the heatsink to ambient (RθSA). Thermal
is not assured. A system designer must design the
resistances are measures of how effectively an
operating environment so that the operating junction
object dissipates heat. Typically, the larger the
temperature (TJ) does not exceed the maximum
device, the more surface area available for power
junction
temperature
(TJmax).
The
two
main
dissipation and the lower the object's thermal
environmental variables that a designer can use to
resistance.
improve thermal performance are air flow and
external heatsinks. The purpose of this information is
Figure 26 illustrates these thermal resistances for (a)
to aid the designer in determining the proper
a SOT223 package mounted in a JEDEC low-K
operating environment for a linear regulator that is
board, and (b) a DDPAK package mounted on a
operating at a specific power level.
JEDEC high-K board.
In general, the maximum expected power (PDmax)
Equation 5 summarizes the computation:
consumed by a linear regulator is computed as
shown in Equation 4:
The RθJC is specific to each regulator as determined
by its package, lead frame, and die size provided in
(4)
the regulator data sheet. The RθSA is a function of
where:
the type and size of heatsink. For example, black
body radiator type heatsinks can have RθCS values
• V
IN(avg) is the average input voltage.
ranging from 5
°C/W for very large heatsinks to
• V
OUT(avg) is the average output voltage.
50
°C/W for very small heatsinks. The Rθ
CS
is a
• I
OUT(avg) is the average output current.
function of how the package is attached to the
• I
Q is the quiescent current.
heatsink. For example, if a thermal compound is
used to attach a heatsink to a SOT223 package,
For most TI LDO regulators, the quiescent current is
RθCS of 1°C/W is reasonable.
insignificant compared to the average output current;
therefore, the term VIN(avg)× IQ can be neglected. The
operating junction temperature is computed by
adding
the
ambient
temperature
(TA) and the
Figure 26. Thermal Resistances
10
Submit Documentation Feedback


Similar Part No. - TPS78618DCQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78618DCQR TI-TPS78618DCQR Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS78618DCQR TI1-TPS78618DCQR Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS78618DCQR TI1-TPS78618DCQR Datasheet
1Mb / 37P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS78618DCQRG4 TI1-TPS78618DCQRG4 Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS78618DCQRG4 TI1-TPS78618DCQRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
More results

Similar Description - TPS78618DCQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78601 TI-TPS78601 Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS78601DRBR TI1-TPS78601DRBR Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS786 TI1-TPS786_16 Datasheet
1Mb / 37P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS786 TI-TPS786_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS786 Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS79601 TI-TPS79601 Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS79633-Q1 TI1-TPS79633-Q1 Datasheet
779Kb / 19P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1-A LOW-DROPOUT LINEAR REGULATORS
TPS796XX TI-TPS796XX_08 Datasheet
1Mb / 25P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79118-Q1 TI-TPS79118-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE,HIGH PSRR,FAST RF 100MA LOW-DROPOUT LINEAR REGULATORS
TPS796 TI1-TPS796_14 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79601DRBR TI1-TPS79601DRBR Datasheet
1Mb / 30P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com