Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS78618KTT Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS78618KTT
Description  ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS78618KTT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS78618KTT Datasheet HTML 7Page - Texas Instruments TPS78618KTT Datasheet HTML 8Page - Texas Instruments TPS78618KTT Datasheet HTML 9Page - Texas Instruments TPS78618KTT Datasheet HTML 10Page - Texas Instruments TPS78618KTT Datasheet HTML 11Page - Texas Instruments TPS78618KTT Datasheet HTML 12Page - Texas Instruments TPS78618KTT Datasheet HTML 13Page - Texas Instruments TPS78618KTT Datasheet HTML 14Page - Texas Instruments TPS78618KTT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
www.ti.com
T
J + TA ) PDmax
R
qJA
(6)
R
qJA +
T
J * TA
P
Dmax
(7)
15
20
25
30
35
40
0.1
1
10
100
PCB Copper Area (cm2)
No Air Flow
150 LFM
250 LFM
DDPAK POWER DISSIPATION
1 oz. Copper
Power Plane
1 oz. Copper
Ground Plane
2 oz. Copper Solder Pad
with 25 Thermal Vias
Thermal Vias,
0.3 mm Diameter,
1.5 mm Pitch
P
Dmax + (5 * 2.5) V
1 A + 2.5 W
(8)
R
qJA
max + (125 * 55)°C 2.5 W + 28°C W
(9)
TPS786xx
SLVS389G – SEPTEMBER 2002 – REVISED JULY 2006
Even if no external black body radiator type heatsink
From Figure 27, DDPAK Thermal Resistance vs
is attached to the package, the board on which the
Copper Heatsink Area, the ground plane needs to be
regulator is mounted provides some heatsinking
1 cm2 for the part to dissipate 2.5 W. The operating
through the pin solder connections. Some packages,
environment used in the computer model to construct
like the DDPAK and SOT223 packages, use a
Figure 27 consisted of a standard JEDEC High-K
copper plane underneath the package or the circuit
board (2S2P) with a 1 oz. internal copper plane and
board ground plane for additional heatsinking to
ground plane. The package is soldered to a 2 oz.
improve their thermal performance. Computer-aided
copper pad. The pad is tied through thermal vias to
thermal modeling can be used to compute very
the 1 oz. ground plane. Figure 28 shows the side
accurate approximations of an integrated circuit's
view of the operating environment used in the
thermal
performance
in
different
operating
computer model.
environments (for example, different types of circuit
boards, different types and sizes of heatsinks,
different air flows, etc.). Using these models, the
three thermal resistances can be combined into one
thermal resistance between junction and ambient
(RθJA). This RθJA is valid only for the specific
operating environment used in the computer model.
Equation 5 simplifies into Equation 6:
Rearranging Equation 6 gives Equation 7:
Using Equation 6 and the computer model generated
curves shown in Figure 27 and Figure 30, a designer
can quickly compute the required heatsink thermal
resistance/board
area
for
a
given
ambient
temperature,
power
dissipation,
and
operating
Figure 27. DDPAK Thermal Resistance
environment.
vs PCB Copper Area
The DDPAK package provides an effective means of
managing
power
dissipation
in
surface
mount
applications. The DDPAK package dimensions are
provided in the mechanical drawing section at the
end of the data sheet. The addition of a copper plane
directly underneath the DDPAK package enhances
the thermal performance of the package.
To illustrate, the TPS78625 in a DDPAK package
was chosen. For this example, the average input
voltage is 5 V, the output voltage is 2.5 V, the
average
output
current
is
1
A,
the
ambient
temperature 55
°C, the air flow is 150 LFM, and the
operating environment is the same as documented
below.
Neglecting
the
quiescent
current,
the
maximum average power is shown in Equation 8:
Figure 28. DDPAK Thermal Resistance
Computer Model
Substituting TJmax for TJ into Equation 6 gives
Equation 9:
11
Submit Documentation Feedback


Similar Part No. - TPS78618KTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78618KTT TI-TPS78618KTT Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS78618KTT TI1-TPS78618KTT Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS78618KTT TI1-TPS78618KTT Datasheet
1Mb / 37P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS78618KTTR TI1-TPS78618KTTR Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS78618KTTR TI1-TPS78618KTTR Datasheet
1Mb / 37P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
More results

Similar Description - TPS78618KTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78601 TI-TPS78601 Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS78601DRBR TI1-TPS78601DRBR Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS786 TI1-TPS786_16 Datasheet
1Mb / 37P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS786 TI-TPS786_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS786 Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS79601 TI-TPS79601 Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS79633-Q1 TI1-TPS79633-Q1 Datasheet
779Kb / 19P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1-A LOW-DROPOUT LINEAR REGULATORS
TPS796XX TI-TPS796XX_08 Datasheet
1Mb / 25P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79118-Q1 TI-TPS79118-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE,HIGH PSRR,FAST RF 100MA LOW-DROPOUT LINEAR REGULATORS
TPS796 TI1-TPS796_14 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79601DRBR TI1-TPS79601DRBR Datasheet
1Mb / 30P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com