Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP7032M7680LBT3 Datasheet(PDF) 1 Page - CTS Corporation

Part # CP7032M7680LBT3
Description  5x3.2mm and 7x5mm Low Cost Programmable Clock Oscillator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CP7032M7680LBT3 Datasheet(HTML) 1 Page - CTS Corporation

  CP7032M7680LBT3 Datasheet HTML 1Page - CTS Corporation CP7032M7680LBT3 Datasheet HTML 2Page - CTS Corporation CP7032M7680LBT3 Datasheet HTML 3Page - CTS Corporation CP7032M7680LBT3 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document No. 008-0321-0
Page 1 - 4
Rev. B
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
٠ ٠ ٠ www.ctscorp.com ٠ ٠ ٠
Model CP5 and CP7
FEATURES
• Standard 5x3.2 and 7x5mm SMT Footprint
• LVCMOS Output
• PLL Technology
• Frequency Range 2 – 200 MHz
• Frequency Stability, ±50 ppm
• +2.5Vdc or +3.3Vdc Operation
• Operating Temperature to –40°C to +85°C
• Output Enable (Stand-By)
• Tape & Reel Packaging
• RoHS/Green Compliant
ORDERING INFORMATION
M - indicates MHz and
decimal point.
Frequency is recorded with
4 significant digits to the
right of the "M".
SUPPLY VOLTAGE
PACKAGE TYPE
Clock, Programmable
A = ±50 ppm, -20°C to +70°C
B = ±50 ppm, -40°C to +85°C
M
5 = 5x3.2mm, LCC
7 = 7x5mm, LCC
MODEL NUMBER
FREQUENCY IN MHz
CP
L = +3.3V
N = +2.5V
PACKAGING OPTIONS
T0 = Tape and Reel (1k pcs.)
T3 = Tape and Reel (250 pcs.)
SP = Slide Pak (plastic tube)
BK = Bulk
STABILITY / TEMPERATURE RANGE
Example Part Number: CP7032M7680LABK
DESCRIPTION
The CP5 and CP7 is a ceramic packaged
Programmable Clock oscillator for quick turn
delivery. Wide range of frequencies allows
engineers to develop new designs and bring
them to market faster and more efficiently.


Similar Part No. - CP7032M7680LBT3

ManufacturerPart #DatasheetDescription
logo
CUI INC
CP70301537 CUI-CP70301537 Datasheet
723Kb / 8P
   PELTIER MODULE
CP70301537 CUI-CP70301537 Datasheet
724Kb / 8P
   PELTIER MODULE
CP70337 CUI-CP70337 Datasheet
723Kb / 8P
   PELTIER MODULE
CP70337 CUI-CP70337 Datasheet
724Kb / 8P
   PELTIER MODULE
More results

Similar Description - CP7032M7680LBT3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CB3LV ETC1-CB3LV Datasheet
83Kb / 3P
   7x5mm Low Cost clock Oscillator
logo
Connor-Winfield Corpora...
7213 CONNOR-WINFIELD-7213 Datasheet
138Kb / 2P
   3.3V LVCMOS SURFACE MOUNT 5x3.2mm CLOCK OSCILLATOR
7143 CONNOR-WINFIELD-7143 Datasheet
251Kb / 2P
   3.3V SURFACE MOUNT 5x3.2mm LVCMOS CLOCK OSCILLATOR
7113 CONNOR-WINFIELD-7113 Datasheet
168Kb / 2P
   3.3V SURFACE MOUNT 5x3.2mm LVCMOS CLOCK OSCILLATOR
logo
List of Unclassifed Man...
FXO-HC730R ETC2-FXO-HC730R Datasheet
156Kb / 3P
   Low Cost, Low Jitter, Fast Delivery...1.888.XPRESSO HCMOS 7x5mm 3.3V Oscillator
logo
ECS, Inc.
ECS-UPO-8PINX ECS-ECS-UPO-8PINX Datasheet
434Kb / 1P
   PROGRAMMABLE CLOCK OSCILLATOR
ECS-P143X ECS-ECS-P143X Datasheet
177Kb / 1P
   PROGRAMMABLE CLOCK OSCILLATOR
ECS-P83 ECS-ECS-P83 Datasheet
174Kb / 1P
   PROGRAMMABLE CLOCK OSCILLATOR
ECS-P143 ECS-ECS-P143 Datasheet
173Kb / 1P
   PROGRAMMABLE CLOCK OSCILLATOR
ECS-P83X ECS-ECS-P83X Datasheet
177Kb / 1P
   PROGRAMMABLE CLOCK OSCILLATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com