Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2222910498 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 2222910498
Description  Surface-mount ceramic multilayer capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2222910498 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 2222910498 Datasheet HTML 3Page - NXP Semiconductors 2222910498 Datasheet HTML 4Page - NXP Semiconductors 2222910498 Datasheet HTML 5Page - NXP Semiconductors 2222910498 Datasheet HTML 6Page - NXP Semiconductors 2222910498 Datasheet HTML 7Page - NXP Semiconductors 2222910498 Datasheet HTML 8Page - NXP Semiconductors 2222910498 Datasheet HTML 9Page - NXP Semiconductors 2222910498 Datasheet HTML 10Page - NXP Semiconductors 2222910498 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Phycomp
Product specification
Surface-mount ceramic
multilayer capacitors
Class 2, Y5V
16/25/50 V
2003 Jul 08 Rev.7
9
www.yageo.com
TESTS AND REQUIREMENTS
Table 2
Test procedures and requirements
IEC
60384-10/
CECC 32 100
CLAUSE
IEC
60068-2
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
4.4
mounting
the capacitors may be mounted
on printed-circuit boards or
ceramic substrates by applying
wave soldering, reflow soldering
(including vapour phase
soldering) or conductive
adhesive
no visible damage
4.5
visual inspection and
dimension check
any applicable method using
×10
magnification
in accordance with
specification
4.6.1
capacitance
f = 1 kHz; Y5V measuring
voltage 1 Vrms at 25 °C
within specified tolerance
4.6.2
tan
δ
f = 1 kHz; Y5V measuring
voltage 1 Vrms at 25 °C
in accordance with
specification
4.6.3
insulation resistance
at UR (DC) for 1 minute
RiCR ≥500 s
4.6.4
voltage proof
2.5
× U
R for 1 minute
no breakdown or flashover
4.7.1
temperature
coefficient
between minimum and maximum
temperature
in accordance with
specification
4.8
adhesion
a force of 5 N applied for 10 s to
the line joining the terminations
and in a plane parallel to the
substrate
no visible damage
mounted in accordance with IEC
60384-1, paragraph 4.35
no visible damage
4.9
bond strength of
plating on end face
conditions:
bending 1 mm at a rate of 1
mm/s, radius jig 340 mm
∆C/C: ≤30%
resistance to
soldering heat
preconditioning:
120 to 150 °C during 1 minute;
260
±5 °C for 10 ±0.5 s in a
static solder bath
the terminations shall be
well tinned
after recovery
∆C/C: ±20%
tan
δ: original specification
Rins: original specification
4.10
Tb
resistance to
leaching
260
±5 °C for 30 ±1 s
in a static solder bath
using visual enlargement
of
×10, dissolution of the
terminations shall not
exceed 10%


Similar Part No. - 2222910498

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
222293111447 PHILIPS-222293111447 Datasheet
774Kb / 15P
   Surface mount ceramic multilayer capacitors
2000 Sep 11
222293111461 PHILIPS-222293111461 Datasheet
774Kb / 15P
   Surface mount ceramic multilayer capacitors
2000 Sep 11
222293111547 PHILIPS-222293111547 Datasheet
774Kb / 15P
   Surface mount ceramic multilayer capacitors
2000 Sep 11
222293111561 PHILIPS-222293111561 Datasheet
774Kb / 15P
   Surface mount ceramic multilayer capacitors
2000 Sep 11
222293151447 PHILIPS-222293151447 Datasheet
774Kb / 15P
   Surface mount ceramic multilayer capacitors
2000 Sep 11
More results

Similar Description - 2222910498

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com