Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT1026ZI-28-GT2 Datasheet(PDF) 10 Page - Catalyst Semiconductor

Part # CAT1026ZI-28-GT2
Description  Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1026ZI-28-GT2 Datasheet(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT1026ZI-28-GT2 Datasheet HTML 6Page - Catalyst Semiconductor CAT1026ZI-28-GT2 Datasheet HTML 7Page - Catalyst Semiconductor CAT1026ZI-28-GT2 Datasheet HTML 8Page - Catalyst Semiconductor CAT1026ZI-28-GT2 Datasheet HTML 9Page - Catalyst Semiconductor CAT1026ZI-28-GT2 Datasheet HTML 10Page - Catalyst Semiconductor CAT1026ZI-28-GT2 Datasheet HTML 11Page - Catalyst Semiconductor CAT1026ZI-28-GT2 Datasheet HTML 12Page - Catalyst Semiconductor CAT1026ZI-28-GT2 Datasheet HTML 13Page - Catalyst Semiconductor CAT1026ZI-28-GT2 Datasheet HTML 14Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
CAT1026, CAT1027
Doc. No. MD-3010 Rev. M
10
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
ACKNOWLEDGE
After a successful data transfer, each receiving
device is required to generate an acknowledge. The
acknowledging device pulls down the SDA line
during the ninth clock cycle, signaling that it received
the 8 bits of data.
The CAT1026 and CAT1027 respond with an
acknowledge after receiving a START condition and
its slave address. If the device has been selected
along with a write operation, it responds with an
acknowledge after receiving each 8-bit byte.
When the CAT1026 and CAT1027 begin a READ
mode it transmits 8 bits of data, releases the SDA
line and monitors the line for an acknowledge. Once
it receives this acknowledge, the CAT1026 and
CAT1027 will continue to transmit data. If no
acknowledge is sent by the Master, the device
terminates data transmission and waits for a STOP
condition.
WRITE OPERATIONS
Byte Write
In the Byte Write mode, the Master device sends the
START condition and the slave address information
(with the R/W
¯¯ bit set to zero) to the Slave device. After
the Slave generates an acknowledge, the Master sends
a 8-bit address that is to be written into the address
pointers of the device. After receiving another acknow-
ledge from the Slave, the Master device transmits the
data to be written into the addressed memory location.
The CAT1026 and CAT1027 acknowledge once more
and the Master generates the STOP condition. At this
time, the device begins an internal programming cycle
to non-volatile memory. While the cycle is in progress,
the device will not respond to any request from the
Master device.
Figure 5. Start/Stop Timing
Figure 6. Acknowledge Timing
Figure 7: Slave Address Bits
START BIT
SDA
STOP BIT
SCL
ACKNOWLEDGE
1
START
SCL FROM
MASTER
89
DATA OUTPUT
FROM TRANSMITTER
DATA OUTPUT
FROM RECEIVER
1
01
0
0
0
0
R/W
Default Configuration


Similar Part No. - CAT1026ZI-28-GT2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1026ZI-28-GT2 CATALYST-CAT1026ZI-28-GT2 Datasheet
313Kb / 20P
   Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
More results

Similar Description - CAT1026ZI-28-GT2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1026 CATALYST-CAT1026 Datasheet
153Kb / 20P
   Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
CAT1026 CATALYST-CAT1026_07 Datasheet
313Kb / 20P
   Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
logo
ON Semiconductor
CAT1021 ONSEMI-CAT1021_18 Datasheet
409Kb / 24P
   Supervisory Circuits with EEPROM Serial 2k-bit I2C
May, 2018 ??Rev. 19
CAT1026 ONSEMI-CAT1026 Datasheet
602Kb / 20P
   Dual Voltage Supervisory Circuits with I짼C Serial 2k-bit CMOS EEPROM
Doc. No. MD-3010 Rev. P
CAT1023WI-28 ONSEMI-CAT1023WI-28 Datasheet
200Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS
Doc. No. MD-3009 Rev. P
logo
Catalyst Semiconductor
CAT1024 CATALYST-CAT1024 Datasheet
140Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
CAT1024_0711 CATALYST-CAT1024_0711 Datasheet
228Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
logo
ON Semiconductor
CAT1025JI-28 ONSEMI-CAT1025JI-28 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025WI-30-G ONSEMI-CAT1025WI-30-G Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025JI-30 ONSEMI-CAT1025JI-30 Datasheet
206Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com