Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT812RTBI-T10 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT812RTBI-T10
Description  4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT812RTBI-T10 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT812RTBI-T10 Datasheet HTML 1Page - Catalyst Semiconductor CAT812RTBI-T10 Datasheet HTML 2Page - Catalyst Semiconductor CAT812RTBI-T10 Datasheet HTML 3Page - Catalyst Semiconductor CAT812RTBI-T10 Datasheet HTML 4Page - Catalyst Semiconductor CAT812RTBI-T10 Datasheet HTML 5Page - Catalyst Semiconductor CAT812RTBI-T10 Datasheet HTML 6Page - Catalyst Semiconductor CAT812RTBI-T10 Datasheet HTML 7Page - Catalyst Semiconductor CAT812RTBI-T10 Datasheet HTML 8Page - Catalyst Semiconductor CAT812RTBI-T10 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CAT811, CAT812
© Catalyst Semiconductor, Inc.
3
Doc. No. MD-3005 Rev. S
Characteristics subject to change without notice
ABSOLUTE MAXIMUM RATINGS
(1)
Parameters
Ratings
Units
Any pin with respect to ground
-0.3 to + 6.0
V
Input Current, VCC
20
mA
Output Current RESET, RESET
¯¯¯¯¯¯
20
mA
Rate of Raise, VCC
100
V/µs
Continuous Power Dissipations
Derate 4mW/ºC above +70ºC (SOT-143)
320
mW
Storage Temperature
-65 to +105
ºC
Operating Ambient Temperature
-40 to +85
ºC
Lead Soldering (10 seconds)
+300
ºC
ELECTRICAL OPERATING CHARACTERISTICS
VCC = Full range, TA = -40°C to +85°C unless otherwise noted. Typical values at TA = +25°C and VCC = 5V for the
L/M/J versions, VCC = 3.3V for the T/S versions, VCC = 3V for the R version and VCC = 2.5V for the Z version.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
TA = 0°C to +70°C
1.0
5.5
VCC Range
TA = -40°C to +85°C
1.2
5.5
V
VCC < 5.5V, J/L/M
8
20
Supply Current
ICC
TA = -40˚C to +85˚C
VCC < 3.6V, R/S/T/Z
6
15
µA
TA = +25°C
4.56
4.63
4.70
L Threshold
TA = -40°C to +85°C
4.50
4.75
TA = +25°C
4.31
4.38
4.45
M Threshold
TA = -40°C to +85°C
4.25
4.50
TA = +25°C
3.93
4.00
4.06
J Threshold
TA = -40°C to +85°C
3.89
4.10
TA = +25°C
3.04
3.08
3.11
T Threshold
TA = -40°C to +85°C
3.00
3.15
TA = +25°C
2.89
2.93
2.96
S Threshold
TA = -40°C to +85°C
2.85
3.00
TA = +25°C
2.59
2.63
2.66
R Threshold
TA = -40°C to +85°C
2.55
2.70
TA = +25°C
2.28
2.32
2.35
Reset
Threshold
Voltage
VTH
Z Threshold
TA = -40°C to +85°C
2.25
2.38
V
Notes:
(1) Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this
specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.


Similar Part No. - CAT812RTBI-T10

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT812RTBI-T10 CATALYST-CAT812RTBI-T10 Datasheet
59Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors
logo
ON Semiconductor
CAT812RTBI-T10 ONSEMI-CAT812RTBI-T10 Datasheet
235Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Doc. No. MD-3005 Rev. U
More results

Similar Description - CAT812RTBI-T10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT811 ONSEMI-CAT811 Datasheet
235Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Doc. No. MD-3005 Rev. U
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811_05 Datasheet
92Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
ON Semiconductor
CAT811LTBI ONSEMI-CAT811LTBI Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
CAT811RTBI ONSEMI-CAT811RTBI Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
logo
Diodes Incorporated
APX811 DIODES-APX811 Datasheet
223Kb / 2P
   Tiny microprocessor supervisors with manual reset
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811 Datasheet
59Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors
logo
Diodes Incorporated
APX811 DIODES-APX811_09 Datasheet
175Kb / 10P
   4-Pin Microprocessor Supervisor With Manual Reset
APX811/812 Rev. 2
logo
ON Semiconductor
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT810STBI-T10 ONSEMI-CAT810STBI-T10 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810JTBI ONSEMI-CAT810JTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com