Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT3200 Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part # CAT3200
Description  Low Noise Regulated Charge Pump DC-DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3200 Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT3200 Datasheet HTML 4Page - Catalyst Semiconductor CAT3200 Datasheet HTML 5Page - Catalyst Semiconductor CAT3200 Datasheet HTML 6Page - Catalyst Semiconductor CAT3200 Datasheet HTML 7Page - Catalyst Semiconductor CAT3200 Datasheet HTML 8Page - Catalyst Semiconductor CAT3200 Datasheet HTML 9Page - Catalyst Semiconductor CAT3200 Datasheet HTML 10Page - Catalyst Semiconductor CAT3200 Datasheet HTML 11Page - Catalyst Semiconductor CAT3200 Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CAT3200/3200-5
9
Doc No. MD-5002, Rev. L
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
ON OFF
13
2
6
8
7
5
4
C+
C-
IN
OUT
FB
SGND
PGND
SHDN
82
82
82
82
82
CAT3200
VSHDN
Apply PWM Waveform for
Adjustable Brightness Control
3V to 4.4V
Li-ion
Battery
t
Up to 6 LEDs
+
ON OFF
46
5
3
1
2
C-
C+
IN
OUT
SGND
SHDN
100
100
100
100
CAT3200-5
VSHDN
Apply PWM Waveform for
Adjustable Brightness Control
3V to 4.4V
Li-ion
Battery
t
Drive up to 5 LEDs
100
+
CAT3200-5
46
5
3
1
2
VOUT
5V + 4%
100mA
3.3 V + 10%
CAT3200-5
46
5
3
1
2
VOUT
5V + 4%
IN
OUT
SHDN
GND
IN
OUT
SHDN
GND
TYPICAL APPLICATIONS
White or Blue LED Driver with LED Current Control
Lithium-Ion Battery to 5V White or Blue LED Driver
3.3 V Supply to 5 V
USB Port to Regulated 5V Power Supply


Similar Part No. - CAT3200

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3200 CATALYST-CAT3200 Datasheet
148Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
CAT3200 CATALYST-CAT3200 Datasheet
867Kb / 28P
   Catalyst Semiconductor
CAT3200 CATALYST-CAT3200 Datasheet
557Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
logo
ON Semiconductor
CAT3200 ONSEMI-CAT3200 Datasheet
196Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
May, 2010 ??Rev. 13
logo
Catalyst Semiconductor
CAT3200-5 CATALYST-CAT3200-5 Datasheet
148Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
More results

Similar Description - CAT3200

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT3200 ONSEMI-CAT3200 Datasheet
196Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
May, 2010 ??Rev. 13
logo
HEXIN SEMICONDUCTOR.
HX4004A HEXIN-HX4004A Datasheet
225Kb / 9P
   Low Noise, Regulated Charge Pump DC/DC Converter
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2_14 Datasheet
129Kb / 9P
   Low Noise Regulated Charge Pump DC-DC Converter
September, 2014 ??Rev. 5
logo
SHOUDING Shouding Semic...
SD6210A SHOUDING-SD6210A Datasheet
1Mb / 7P
   Low Noise Regulated Charge Pump DC/DC Converter
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2 Datasheet
187Kb / 9P
   Low Noise Regulated Charge Pump DC-DC Converter
April, 2010 ??Rev. 0
CAT3200TDI-T3 ONSEMI-CAT3200TDI-T3 Datasheet
190Kb / 13P
   Low Noise Regulated Charge Pump DC-DC Converter
Doc. No. MD-5002, Rev. N
logo
Catalyst Semiconductor
CAT3200 CATALYST-CAT3200 Datasheet
148Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
logo
ON Semiconductor
CAT3200ES6-5 ONSEMI-CAT3200ES6-5 Datasheet
189Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
October, 2013 ??Rev. 15
CAT3200 ONSEMI-CAT3200_14 Datasheet
134Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
April, 2014 ??Rev. 16
logo
SHOUDING Shouding Semic...
SD6214A SHOUDING-SD6214A Datasheet
840Kb / 7P
   Low Noise,Regulated Charge Pump DC/DC Converter
logo
AiT Semiconductor Inc.
A7801 AITSEMI-A7801 Datasheet
399Kb / 10P
   DC-DC CONVERTER LOW NOISE, REGULATED CHARGE PUMP
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com