Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T3048NLT Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # T3048NLT
Description  TRANSFORMERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

T3048NLT Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  T3048NLT Datasheet HTML 1Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mechanical
RoHS-5
RoHS-6
Turns Ratio
OCL Primary
LL
CW/W
Isolation Voltage
Package/
Primary
Compliant PN#
Compliant PN#
(Pri:Sec ±2%)
@ 25°C (µH MIN)
(µH MAX)
(pF MAX)
(Vrms MIN)
Schematic
Pins
T3048
T3048NL
1:1
40
.150
10
1500
YB/1
1-2, 3-4, 5-6, 7-8
9-10, 11-12, 13-14, 15-16
T3049
T3049NL
1:2
19
.150
10
1500
YB/1
1-2, 3-4, 5-6, 7-8
9-10, 11-12, 13-14, 15-16
TX3047*
TX3047NL*
1:1
100
.150
10
1500
YB/1
1-2, 3-4, 5-6, 7-8
9-10, 11-12, 13-14, 15-16
TX3045*
TX3045NL*
1:1 & 1:2
100 & 40
.120
10
1500
YB/1
1-2, 5-6, 9-10, 13-14 &
3-4, 7-8, 11-12, 15-16
*NOTE: Operating Temperature Range: -40°C to +85°C.
For Tape & Reel packaging, add a “T” suffix to the part number when ordering (e.g. T3048 becomes T3048T, and T3048NL becomes T3048NLT).
Electrical Specifications @ 25°C
Part Number
Date Code Country of Origin U.S. Pat. 5015981
.750
19,05
15X.050
1,27
MAX
1.000
25,40
32X .018
0,46
.425 ± .005
10,80
0,13
SUGGESTED PAD LAYOUT
32X.035
0,89
2 X 15°
0°– 8°
MAX
.295
7,49
2 X 10°
.115
2,92
.310
7,87
.280
7,11
4 X 3°
.004/0,10
32 SURFACES
TYP
.050
1,27
.465
11,81
32X.030
0,76
32X .100
2,54
.780
19,81
YB
Schematic
Weight . . . . . . . . . . . . . .2.7 grams
Tape & Reel . . . . . . . . . . . .200/reel
Tube . . . . . . . . . . . . . . . . . .20/tube
T3/DS3/E3/STS-1 TRANSFORMERS
Eight Transformers Designed for
T3, DS3, E3 and STS-1 Interface
Eight transformers in a surface mount package
Models matched to leading transceiver ICs
Return loss meets requirements of G.703
Recognized by UL1950 (some parts pending approval)
Isolation voltage: 1500Vrms
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
1
22
21
11
12 13
18
17
910
14 15
16
24
23
20
19
30
29
34 5
26
25
1
2
67
8
32
31
28
27
For More Information:
Pulse Worldwide
Headquarters
12220 World Trade Dr.
San Diego, CA 92128
U.S.A.
www.pulseeng.com
TEL: 858 674 8100
FAX: 858 674 8262
Pulse South Asia
150 Kampong Ampat
#07-01/02
KA Centre
Singapore 368324
Tel: 65 6287 8998
Fax: 65 6280 0080
Pulse North Asia
No. 26
Kao Ching Rd.
Yang Mei Chen
Taoyuan Hsien
Taiwan, R. O. C.
Tel: 886 3 4641811
Fax: 886 3 4641911
Pulse China
Headquarters
No. 1
Industrial District
Changan, Dongguan
China
Tel: 86 769 85538070
Fax: 86 769 85538870
Pulse North China
Room 1503
XinYin Building
No. 888 YiShan Rd.
Shanghai 200233
China
Tel: 86 21 54643211/2
Fax: 86 21 54643210
Pulse
Europe
Einsteinstrasse 1
D-71083 Herrenberg
Germany
Tel: 49 7032 7806 116
Fax: 49 7032 7806 135
www.pulseeng.com
T663.B (9/06)
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product
names mentioned herein may be trademarks or registered trademarks of their respective owners.
© Copyright, 2006. Pulse Engineering, Inc. All rights reserved.


Similar Part No. - T3048NLT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
T3048 PULSE-T3048 Datasheet
154Kb / 8P
   TRANSFORMERS
More results

Similar Description - T3048NLT

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF00123D1 XFMRS-XF00123D1 Datasheet
75Kb / 1P
   TRANSFORMERS
XF1006A-2S XFMRS-XF1006A-2S Datasheet
52Kb / 1P
   TRANSFORMERS
XF00123D1 XFMRS-XF00123D1_15 Datasheet
75Kb / 1P
   TRANSFORMERS
XF1006A-2S XFMRS-XF1006A-2S_15 Datasheet
52Kb / 1P
   TRANSFORMERS
XF01962-20 XFMRS-XF01962-20_15 Datasheet
42Kb / 1P
   TRANSFORMERS
XF0013W16 XFMRS-XF0013W16_15 Datasheet
48Kb / 1P
   TRANSFORMERS
XF5006T7 XFMRS-XF5006T7_15 Datasheet
67Kb / 1P
   TRANSFORMERS
XF1006A-2S XFMRS-XF1006A-2S Datasheet
42Kb / 1P
   TRANSFORMERS
XF00123D XFMRS-XF00123D Datasheet
39Kb / 1P
   TRANSFORMERS
XF0506-CM4 XFMRS-XF0506-CM4 Datasheet
42Kb / 1P
   TRANSFORMERS
XF0356-CM1 XFMRS-XF0356-CM1 Datasheet
87Kb / 1P
   TRANSFORMERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com