Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRURS3804TE Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # BRURS3804TE
Description  LED Backlights
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BRURS3804TE Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  BRURS3804TE Datasheet HTML 1Page - List of Unclassifed Manufacturers BRURS3804TE Datasheet HTML 2Page - List of Unclassifed Manufacturers BRURS3804TE Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
The Optoelectronic Manufacturing Corporation (UK) Ltd
Candela House,
Cardrew Industrial Estate,
Redruth,
Cornwall,
TR15 1SS
Tel: 01209 215424
Fax: 01209 215197
Summary Sheet
LED Backlights
Bi-Colour backlights offer the ability to change colour from Green to Bright Red.
This is achieved by using a neutral colour reflector and having two rows of LED's one edge having all green emitters
the opposite edge having all Red.
These backlights can be used to indicate an alarm state on an LCD and draw the users attention to reading a particular
display.
The backlights ability to change colour means it can be used as an indicator without having to add additional LED's to
a products front panel.
Bi-Colour backlights can be used to good effect for example on a temperature display
if the temperature is within a set range the backlight can remain green in the event of an over or under temperature
state the backlight can be made to change colour alerting the user to a possible fault.
OMC Backlight
Description
Fits Following LCDs
Overall Panel Size LxWxH
Illuminated Area
LxW
Number of
Emitters
S36 Types
BR02S3604TE
Standard Yellow/Green
Type
233-651
47.50 x 17.00 x 3.0mm
47.50 x 14.50mm
4
BRIYS3604TE
High Brightness
Yellow/Orange Type
233-651
47.50 x 17.00 x 3.0mm
47.50 x 14.50mm
4
BRUBS3604TE High Brightness Blue Type
233-651
47.50 x 17.00 x 3.0mm
47.50 x 14.50mm
4
BRURS3604TE High Brightness Red Type
233-651
47.50 x 17.00 x 3.0mm
47.50 x 14.50mm
4
S36 Types
BR02S3804TE
Standard Yellow/Green
Type
253-558, 233-640,
233-638
48.70 x 23.30 x 3.0mm
48.70 x 20.80mm
4
BRIYS3804TE
High Brightness
Yellow/Orange Type
253-558, 233-640,
233-638
48.70 x 23.30 x 3.0mm
48.70 x 20.80mm
4
BRUBS3804TE High Brightness Blue Type
253-558, 233-640,
233-638
48.70 x 23.30 x 3.0mm
48.70 x 20.80mm
4
BRURS3804TE High Brightness Red Type
253-558, 233-640,
233-638
48.70 x 23.30 x 3.0mm
48.70 x 20.80mm
4
S19 Types
BR02S1906TE
Standard Yellow/Green
Type
523-227, 253-560
67.00 x 28.50 x 3.0mm
67.00 x 26.00mm
6
BRIYS1906TE
High Brightness
Yellow/Orange Type
523-227, 253-560
67.00 x 28.50 x 3.0mm
67.00 x 26.00mm
6
BRUBS1906TE High Brightness Blue Type
523-227, 253-560
67.00 x 28.50 x 3.0mm
67.00 x 26.00mm
6
BRURS1906TE High Brightness Red Type
523-227, 253-560
67.00 x 28.50 x 3.0mm
67.00 x 26.00mm
6
S152 Bi-Colour
Type
BSRGS15208TE
U/B Red - Green
Bi-Colour
233-651
46.50 x 19.50 x 3.0mm
47.50 x 14.50mm
4 x G, 4 x R
S153 Bi-Colour
Type
BSRGS15308TE
U/B Red - Green
Bi-Colour
253-558, 233-640,
233-638
48.70 x 25.80 x 3.0mm
48.70 x 20.80mm
4 x G, 4 x R
S154 Bi-Colour
Type
BSRGS15412TE
U/B Red - Green
Bi-Colour
253-560
67.00 x31.00 x 3.0mm
67.00 x 26.00mm
6 x G, 6 x R
S155 Bi-Colour
Type
BSRGS15512TE
U/B Red - Green
Bi-Colour
523-227
67.00 x 28.00 x 3.0mm
67.00 x 23.00mm
6 x G, 6 x R


Similar Part No. - BRURS3804TE

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
BRU04SF GETEDZ-BRU04SF Datasheet
518Kb / 2P
   High Voltage Medium and High Current Diodes
BRU10SF GETEDZ-BRU10SF Datasheet
527Kb / 2P
   250mA 10kV 75nS -High Voltage Medium and High Current Diodes
BRU10SF GETEDZ-BRU10SF Datasheet
517Kb / 2P
   High Voltage Medium and High Current Diodes
BRU10SF GETEDZ-BRU10SF_17 Datasheet
517Kb / 2P
   High Voltage Medium and High Current Diodes
logo
Foshan Blue Rocket Elec...
BRU20N50 FOSHAN-BRU20N50 Datasheet
942Kb / 6P
   N-Channel MOSFET in a TO-3P Plastic Package
More results

Similar Description - BRURS3804TE

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
LEDIB70X70M BANNER-LEDIB70X70M Datasheet
162Kb / 3P
   LED..B..M Series Backlights
LEDIB70X70W BANNER-LEDIB70X70W Datasheet
159Kb / 3P
   LED..B..W Series Backlights
LED BANNER-LED Datasheet
355Kb / 5P
   LED Series Sealed Backlights
LEDIB70X70QPMA BANNER-LEDIB70X70QPMA Datasheet
190Kb / 4P
   LED..B..QPMA Series Backlights
logo
Lowpower Semiconductor ...
LP3352 POWER-LP3352 Datasheet
398Kb / 10P
   6-Channel LED Driver for Backlights
logo
Banner Engineering Corp...
LEDRB100X200N BANNER-LEDRB100X200N Datasheet
45Kb / 2P
   LED Backlights (100 x 200 mm)
logo
LG Semicon Co.,Ltd.
42LN5200 LG-42LN5200 Datasheet
8Mb / 48P
   LG LED TV applies LCD screen with LED backlights.
logo
TDK Electronics
ALD-514012PJ134 TDK-ALD-514012PJ134 Datasheet
636Kb / 4P
   DC-DC Converter for LC Panels with LED Backlights
logo
Analog Devices
ADM8845 AD-ADM8845_15 Datasheet
321Kb / 20P
   Charge Pump Driver for LCD White LED Backlights
REV. C
ADM8845 AD-ADM8845_V01 Datasheet
509Kb / 18P
   Charge Pump Driver for LCD White LED Backlights
Rev. D
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com