Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K0123-K60 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # K0123-K60
Description  Multilayer Chip Capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

K0123-K60 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button K0123-K60 Datasheet HTML 9Page - List of Unclassifed Manufacturers K0123-K60 Datasheet HTML 10Page - List of Unclassifed Manufacturers K0123-K60 Datasheet HTML 11Page - List of Unclassifed Manufacturers K0123-K60 Datasheet HTML 12Page - List of Unclassifed Manufacturers K0123-K60 Datasheet HTML 13Page - List of Unclassifed Manufacturers K0123-K60 Datasheet HTML 14Page - List of Unclassifed Manufacturers K0123-K60 Datasheet HTML 15Page - List of Unclassifed Manufacturers K0123-K60 Datasheet HTML 16Page - List of Unclassifed Manufacturers K0123-K60 Datasheet HTML 17Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Siemens Matsushita Components
39
Chip thickness: r: 0,8
± 0,1 mm x: 1,2 ± 0,1 mm
q
: 1,6
± 0,1 mm
Ordering codes for X7R/B characteristic, 200/500 Vdc, AgNiSn terminations
Size
1206/3216
1206/3216
1210/3225
1210/3225
VR
200
500
200
500
CR
Ordering code1)
B37872-
B37872-
B37950-
B37950
470,0 pF
560,0 pF
680,0 pF
820,0 pF
1,0 nF
1,2 nF
1,5 nF
1,8 nF
2,2 nF
2,7 nF
3,3 nF
3,9 nF
4,7 nF
5,6 nF
6,8 nF
8,2 nF
10,0 nF
12,0 nF
15,0 nF
18,0 nF
22,0 nF
27
nF
33
nF
39
nF
47
nF
-K2471-K60
-K2561-K60
-K2681-K60
-K2821-K60
-K2102-K60
-K2122-K60
-K2152-K60
-K2182-K60
-K2222-K60
-K2272-K60
-K2332-K60
-K2392-K60
-K2472-K60
-K2562-K60
-K2682-K60
-K2822-K60
-K2103-K60
-K2123-K62
-K2153-K62
-K2183-K62
-K2223-K62
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
x
x
x
x
-K3471-K60
-K3561-K60
-K3681-K60
-K3821-K60
-K3102-K60
-K3122-K60
-K3152-K60
-K3182-K60
-K3222-K60
-K3272-K62
-K3332-K62
-K3392-K62
-K3472-K62
r
r
r
r
r
r
r
r
r
x
x
x
x
-K2102-K62
-K2122-K62
-K2152-K62
-K2182-K62
-K2222-K62
-K2272-K62
-K2332-K62
-K2392-K62
-K2472-K62
-K2562-K62
-K2682-K62
-K2822-K62
-K2103-K62
-K2123-K62
-K2153-K62
-K2183-K62
-K2223-K62
-K2273-K62
-K2333-K62
-K2393-K62
-K2473-K62
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
x
x
x
q
q
-K3102-K62
-
K3122-K62
-K3152-K62
-K3182-K62
-K3222-K62
-K3272-K62
-K3332-K62
-K3392-K62
-K3472-K62
-K3562-K62
-K3682-K62
-K3822-K62
-K3103-K62
r
r
r
r
r
r
r
x
x
x
x
q
q
1) The tables contain the ordering codes for the standard capacitance tolerance:
K =
± 10 %. Example: B37872-K2471-K60
For other available capacitance tolerances see page 27


Similar Part No. - K0123-K60

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
K0104A10002 E-SWITCH-K0104A10002 Datasheet
147Kb / 1P
   KEYLOCK SWITCHES
K0104A10003 E-SWITCH-K0104A10003 Datasheet
147Kb / 1P
   KEYLOCK SWITCHES
K0104A10004 E-SWITCH-K0104A10004 Datasheet
146Kb / 1P
   KEYLOCK SWITCHES
K0104A10005 E-SWITCH-K0104A10005 Datasheet
147Kb / 1P
   KEYLOCK SWITCHES
K0130A-A126 E-SWITCH-K0130A-A126 Datasheet
41Kb / 1P
   E-SWITCH K0130A-A126
More results

Similar Description - K0123-K60

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
TDK Electronics
C0402JB1A222K020BC TDK-C0402JB1A222K020BC_13 Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0402JB1C331M020BC TDK-C0402JB1C331M020BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X5R1E331K030BA TDK-C0603X5R1E331K030BA Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G154M030BB TDK-C0603X6S0G154M030BB Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G223K030BC TDK-C0603X6S0G223K030BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G334K030BC TDK-C0603X6S0G334K030BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G334M030BC TDK-C0603X6S0G334M030BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C1005C0G1H121J050BA TDK-C1005C0G1H121J050BA_16 Datasheet
130Kb / 1P
   Multilayer Ceramic Chip Capacitors
C1005C0G1H221J050BA TDK-C1005C0G1H221J050BA_16 Datasheet
131Kb / 1P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com