Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V437216S04VCTG-10PC Datasheet(PDF) 5 Page - Mosel Vitelic, Corp

Part # V437216S04VCTG-10PC
Description  3.3 VOLT 16M x 72 HIGH PERFORMANCE PC100 UNBUFFERED ECC SDRAM MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V437216S04VCTG-10PC Datasheet(HTML) 5 Page - Mosel Vitelic, Corp

  V437216S04VCTG-10PC Datasheet HTML 1Page - Mosel Vitelic, Corp V437216S04VCTG-10PC Datasheet HTML 2Page - Mosel Vitelic, Corp V437216S04VCTG-10PC Datasheet HTML 3Page - Mosel Vitelic, Corp V437216S04VCTG-10PC Datasheet HTML 4Page - Mosel Vitelic, Corp V437216S04VCTG-10PC Datasheet HTML 5Page - Mosel Vitelic, Corp V437216S04VCTG-10PC Datasheet HTML 6Page - Mosel Vitelic, Corp V437216S04VCTG-10PC Datasheet HTML 7Page - Mosel Vitelic, Corp V437216S04VCTG-10PC Datasheet HTML 8Page - Mosel Vitelic, Corp V437216S04VCTG-10PC Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MOSEL VITELIC
V437216S04V(C)TG-10PC
5
V437216S04V(C)TG-10PC Rev. 1.1 June 2000
DC Characteristics
TA = 0°C to 70°C; VSS = 0 V; VDD, VDDQ = 3.3V ± 0.3V
30
Minimum RAS Pulse Width tRAS
45 ns
2D
31
Module Bank Density (Per Bank)
64 MByte
10
32
SDRAM Input Setup Time
2 ns
20
33
SDRAM Input Hold Time
1 ns
10
34
SDRAM Data Input Setup Time
2 ns
20
35
SDRAM Data Input Hold Time
1 ns
10
36-61
Superset Information (May be used in Future)
00
62
SPD Revision
Revision 1.2
12
63
Checksum for Bytes 0 - 62
FD
64-125
Manufacturers’s Information (Optional)
(FFh if not used)
XX
126
Max. Frequency Specification
100 MHz
64
127
100 MHz Support Details
AF
128+
Unused Storage Location
00
Symbol
Parameter
Limit Values
Unit
Min.
Max.
VIH
Input High Voltage
2.0
VCC+0.3
V
VIL
Input Low Voltage
–0.5
0.8
V
VOH
Output High Voltage (IOUT = –2.0 mA)
2.4
V
VOL
Output Low Voltage (IOUT = 2.0 mA)
0.4
V
II(L)
Input Leakage Current, any input
(0 V < VIN < 3.6 V, all other inputs = 0V)
–40
40
µA
IO(L)
Output leakage current
(DQ is disabled, 0V < VOUT < VCC)
–40
40
µA
SPD-Table: (Continued)
Byte
Number
Function Described
SPD Entry Value
Hex Value
100 MHz
-10PC


Similar Part No. - V437216S04VCTG-10PC

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V437216S04VCTG-75 MOSEL-V437216S04VCTG-75 Datasheet
248Kb / 12P
   3.3 VOLT 16M x 72 HIGH PERFORMANCE PC133 UNBUFFERED ECC SDRAM MODULE
More results

Similar Description - V437216S04VCTG-10PC

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V43728S04VCTG-10PC MOSEL-V43728S04VCTG-10PC Datasheet
60Kb / 11P
   3.3 VOLT 8M x 72 HIGH PERFORMANCE PC100 UNBUFFERED ECC SDRAM MODULE
V437316S04V MOSEL-V437316S04V Datasheet
338Kb / 12P
   3.3 VOLT 16M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V437216C04VDTG-10PC MOSEL-V437216C04VDTG-10PC Datasheet
221Kb / 12P
   3.3 VOLT 16M x 72 HIGH PERFORMANCE PC100 REGISTER PLL ECC SDRAM MODULE
V437216S04VCTG-75 MOSEL-V437216S04VCTG-75 Datasheet
248Kb / 12P
   3.3 VOLT 16M x 72 HIGH PERFORMANCE PC133 UNBUFFERED ECC SDRAM MODULE
V436416S04V MOSEL-V436416S04V Datasheet
65Kb / 11P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
V436516S04VTG-10PC MOSEL-V436516S04VTG-10PC Datasheet
62Kb / 11P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
V437332S04V MOSEL-V437332S04V Datasheet
301Kb / 12P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V437464S24V MOSEL-V437464S24V Datasheet
318Kb / 12P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V437464Q24V MOSEL-V437464Q24V Datasheet
322Kb / 13P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V827316K04S MOSEL-V827316K04S Datasheet
271Kb / 13P
   2.5 VOLT 16M x 72 HIGH PERFORMANCE UNBUFFERED ECC DDR SDRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com