Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP40R12KT3 Datasheet(PDF) 2 Page - eupec GmbH

Part # FP40R12KT3
Description  IGBT-inverter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

FP40R12KT3 Datasheet(HTML) 2 Page - eupec GmbH

  FP40R12KT3 Datasheet HTML 1Page - eupec GmbH FP40R12KT3 Datasheet HTML 2Page - eupec GmbH FP40R12KT3 Datasheet HTML 3Page - eupec GmbH FP40R12KT3 Datasheet HTML 4Page - eupec GmbH FP40R12KT3 Datasheet HTML 5Page - eupec GmbH FP40R12KT3 Datasheet HTML 6Page - eupec GmbH FP40R12KT3 Datasheet HTML 7Page - eupec GmbH FP40R12KT3 Datasheet HTML 8Page - eupec GmbH FP40R12KT3 Datasheet HTML 9Page - eupec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Technische Information / technical information
FP40R12KT3
IGBT-Module
IGBT-modules
Vorläufige Daten
preliminary data
Diode-Wechselrichter / diode-inverter
Höchstzulässige Werte / maximum rated values
7
$
!
$
%&' ( )*+
,::;
0
,
1
$
#
1+
=
2c
6
7
#
!
=
8 ( 0 #
2c:;
<
$
2d
,: (
,9 8 ( 0 # 9 %&' ( 0 )*+
2d
d
Charakteristische Werte / characteristic values
#
# C
1
$
=
$
2c ( 6
9 ,@. (
,9 %&' ( )*+
2c ( 6
9 ,@. (
,9 %&' ( 0 )*+
,c
09 )
09 )
9
,
,
Q !
#
!
2c ( 6
9
cB
( 0
BJ
,: ( H
,9 ,@. ( 0) ,9 %&' ( )*+
,: ( H
,9 ,@. ( 0) ,9 %&' ( 0 )*+
2:;
6)9
6H9
T$
$
$
$
2c ( 6
9
cB
( 0
BJ
,: ( H
,9 ,@. ( 0) ,9 %&' ( )*+
,: ( H
,9 ,@. ( 0) ,9 %&' ( 0 )*+
IR
696
96
J+
J+
$
7
$
2c ( 6
9
cB
( 0
BJ
,: ( H
,9 ,@. ( 0) ,9 %&' ( )*+
,: ( H
,9 ,@. ( 0) ,9 %&' ( 0 )*+
"ROe
09))
90
#[
#[
2
?D # =
#
9 `
1
>Gb-
9S)
B?
Diode-Gleichrichter / diode-rectifier
Höchstzulässige Werte / maximum rated values
7
Q !=
$
!
$
%&' ( )*+
,::;
0H
,
1
# <
!
=
1
=
M
# C # #
%- (
*+
2c:;/;
)
<
$
$ <
!
#
# C # #
M
%- (
*+
2:;/;
H
\
# <
=
$
=
f ( 0 # 9 %&' ( )*+
f ( 0 # 9 %&' ( 0) *+
2c/;
0)
H
<
$
2d
f ( 0 # 9 %&' ( )*+
f ( 0 # 9 %&' ( 0) *+
2d
)
6
d
d
Charakteristische Werte / characteristic values
#
# C
1
$
=
$
%&' ( 0) *+9 2c ( 6
,c
09
,
#
%&' ( 0) *+9 ,: ( 0H
,
2:
9
#
2
?D # =
#
9 `
1
>Gb-
09
B?


Similar Part No. - FP40R12KT3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FP40R12KT3 INFINEON-FP40R12KT3 Datasheet
571Kb / 11P
   IGBT-Module
2013-10-03 revision:2.0
logo
eupec GmbH
FP40R12KT3G EUPEC-FP40R12KT3G Datasheet
408Kb / 11P
   IGBT-modules
logo
Infineon Technologies A...
FP40R12KT3G INFINEON-FP40R12KT3G Datasheet
565Kb / 11P
   IGBT-Module
2013-10-03 revision:2.1
More results

Similar Description - FP40R12KT3

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FZ1600R17KE3 EUPEC-FZ1600R17KE3 Datasheet
255Kb / 8P
   IGBT-inverter
FF200R33KF2C EUPEC-FF200R33KF2C Datasheet
291Kb / 8P
   IGBT-inverter
F4-50R12KS4 EUPEC-F4-50R12KS4 Datasheet
282Kb / 8P
   IGBT-inverter
F4-75R12KS4 EUPEC-F4-75R12KS4 Datasheet
282Kb / 8P
   IGBT-inverter
FP25R12KT3 EUPEC-FP25R12KT3 Datasheet
389Kb / 11P
   IGBT-inverter
FF800R17KE3 EUPEC-FF800R17KE3 Datasheet
256Kb / 8P
    IGBT-inverter
FF400R12KE3 EUPEC-FF400R12KE3 Datasheet
287Kb / 8P
   IGBT-inverter
FS200R06KL4 EUPEC-FS200R06KL4 Datasheet
318Kb / 8P
   IGBT-inverter
FZ400R12KE3 EUPEC-FZ400R12KE3 Datasheet
285Kb / 8P
   IGBT-inverter
FP75R12KT3 EUPEC-FP75R12KT3 Datasheet
408Kb / 11P
    IGBT-inverter
logo
Infineon Technologies A...
FP15R12KT3 INFINEON-FP15R12KT3 Datasheet
813Kb / 11P
   IGBT,Inverter
2.1 2013-10-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com