Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3C-S5A Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E3C-S5A
Description  Photoelectric Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3C-S5A Datasheet(HTML) 4 Page - Omron Electronics LLC

  E3C-S5A Datasheet HTML 1Page - Omron Electronics LLC E3C-S5A Datasheet HTML 2Page - Omron Electronics LLC E3C-S5A Datasheet HTML 3Page - Omron Electronics LLC E3C-S5A Datasheet HTML 4Page - Omron Electronics LLC E3C-S5A Datasheet HTML 5Page - Omron Electronics LLC E3C-S5A Datasheet HTML 6Page - Omron Electronics LLC E3C-S5A Datasheet HTML 7Page - Omron Electronics LLC E3C-S5A Datasheet HTML 8Page - Omron Electronics LLC E3C-S5A Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
E3C
E3C
5
Part number
E3C-JB4P
E3C-JC4P
E3C-GE4
E3C-GF4
E3C-WH4F
Supply voltage
12 to 24 VDC
±10%; 1 V max. permissible ripple peak-to-peak
Current consumption
50 mA
Operation mode
Light-ON/Dark-ON
Light-ON/Dark-ON,
Light-ON/Dark-ON,
switch selectable
jumper selectable
switch selectable
Sensitivity
Adjustable
Control DC
Type
PNP output
NPN output
NPN output
PNP output
NPN and PNP
output
solid-
with constant
open collector
state
current source
outputs
Max. load
100 mA max.
100 mA max.
Load (relay, sink)
100 mA max.
100 mA, 40 VDC
24 VDC
24 VDC
logic: 80 mA, 24 VDC
24 VDC
(each output)
Voltage logic (source):
1.5 to 4 mA
Max. on-state
0.7 VDC
0.7 VDC
1.2 VDC
0.7 VDC
voltage drop
Alarm
Type
PNP
NPN
output
Max. load
50 mA, 24 VDC 50 mA, 24 VDC
Response
ON
1 ms
1 ms or 2 ms max.,
1 ms or 2 ms max.,
time
selectable
switch selectable
OFF
1 ms or 40 ms, selectable
1 ms or 2 ms max.,
1 ms or 2 ms max.,
selectable
switch selectable
Circuit
Output short-circuit
Yes
Yes
Yes
protection
DC power supply
Yes
Yes
Yes
reverse polarity
s AMPLIFIERS
AC Powered
Part number
E3C-A
E3C-C
Supply voltage
100 to 240 VAC, 50/60 Hz
Power consumption
3 VA max.
Operation mode
Light-ON/Dark-ON, switch selectable
Sensitivity
Adjustable
Control
Relay
Type
SPDT
output
Max. load
1 A, 240 VAC (p.f. = 1)
Min. load
1 mA, 5 VDC
DC
Type
NPN-SPST with constant current source
solid-
Max. load
Load (relay, sink) logic, 80 mA, 24 VDC
state
Voltage logic (source): 1.5 to 4 mA
Max. on-state
1.0 VDC
voltage drop
Response
ON
Solid-state
1 ms or 2 ms max., switch selectable
time
Contact
20 ms max.
OFF
Solid-state
1 ms or 2 ms max., switch selectable
Contact
20 ms max.
Timer functions
Type
ON-delay, OFF-delay, one-shot, switch selectable
Range
0.1 to 1 second or 1 to 10 seconds, switch selectable
Circuit
Output short-
Not available
protection
circuit
Indicators
Light Incident (red LED), Output Stability (green LED), Output Operation (red LED)
Materials
Case
Plastic
Mounting
Requires PF113A-E socket (included); socket mount to DIN rail track
Connections
Terminal screws on socket
Weight
220 g (7.8 oz.), including socket
Enclosure
UL
ratings
NEMA
1
IEC144
IP20
Approvals
UL
CSA
Ambient
Operating
-10
° to 55°C (14° to 131°F)
temperature
Storage
-25
° to 70°C (-13° to 158°F)
DC Powered


Similar Part No. - E3C-S5A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3C-S50 OMRON-E3C-S50 Datasheet
930Kb / 18P
   Special-Purpose Photoelectric Sensors
More results

Similar Description - E3C-S5A

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
Omron Electronics LLC
E3S-5LE41 OMRON-E3S-5LE41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-N2421V SICK-GRSE18S-N2421V Datasheet
332Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Contrinex AG Industrial...
LRR-M18PA-NMS-101 CONTRINEX-LRR-M18PA-NMS-101 Datasheet
482Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Omron Electronics LLC
E3S-LS3C1D OMRON-E3S-LS3C1D Datasheet
186Kb / 8P
   Photoelectric Sensor
E3SLS10XE4 OMRON-E3SLS10XE4 Datasheet
186Kb / 8P
   Photoelectric Sensor
E3S-R2E41 OMRON-E3S-R2E41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-F2336 SICK-GRSE18S-F2336 Datasheet
1Mb / 7P
   PHOTOELECTRIC SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com