Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3C-DS5W Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E3C-DS5W
Description  Photoelectric Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3C-DS5W Datasheet(HTML) 5 Page - Omron Electronics LLC

  E3C-DS5W Datasheet HTML 1Page - Omron Electronics LLC E3C-DS5W Datasheet HTML 2Page - Omron Electronics LLC E3C-DS5W Datasheet HTML 3Page - Omron Electronics LLC E3C-DS5W Datasheet HTML 4Page - Omron Electronics LLC E3C-DS5W Datasheet HTML 5Page - Omron Electronics LLC E3C-DS5W Datasheet HTML 6Page - Omron Electronics LLC E3C-DS5W Datasheet HTML 7Page - Omron Electronics LLC E3C-DS5W Datasheet HTML 8Page - Omron Electronics LLC E3C-DS5W Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
E3C
E3C
6
DC Amplifiers, continued
Part number
E3C-JB4P
E3C-JC4P
E3C-GE4
E3C-GF4
E3C-WH4F
Indicators
Light Incident (red LED), Output Stability (green LED)
Materials
Case
Plastic
Mounting
DIN rail track or mounting
Requires PYF08A-E
DIN rail track or
bracket E39-L48 (included)
or PYF08M
bottom surface with
or side surface with two
socket (not included).
two through holes.
through holes
Order separately
from Accessories.
Connections
Prewired with 5 conductor
Terminal screws
Terminal screws or
cable, 2 m (6.56 ft) length
on socket
direct connection to
S3D8 Sensor
Controller with
E99-C connector
(included).
Weight
80 g (2.8 oz.)
15 g (0.5 oz.)
100 g (3.5 oz.)
Enclosure
UL
NEMA
1, 2
1
IEC 144
IP50
IP20
Approvals
UL
CSA
Ambient
Operating
-10
° to 55°C (14° to 131°F)
temperature
Storage
-25
° to 70°C (-13° to 158°F)
s OUTPUT CIRCUIT DIAGRAMS
Amplifiers E3C-A, E3C-C
Amplifiers E3C-J❑4P
NPN output type
E3C-JC4P
PNP output type
E3C-JB4P


Similar Part No. - E3C-DS5W

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3C-DS5W OMRON-E3C-DS5W Datasheet
930Kb / 18P
   Special-Purpose Photoelectric Sensors
E3C-DS5W2M OMRON-E3C-DS5W2M Datasheet
1Mb / 16P
   Compact Head Amplifier-separated Photoelectric Sensor
More results

Similar Description - E3C-DS5W

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
Omron Electronics LLC
E3S-5LE41 OMRON-E3S-5LE41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-N2421V SICK-GRSE18S-N2421V Datasheet
332Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Contrinex AG Industrial...
LRR-M18PA-NMS-101 CONTRINEX-LRR-M18PA-NMS-101 Datasheet
482Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Omron Electronics LLC
E3S-LS3C1D OMRON-E3S-LS3C1D Datasheet
186Kb / 8P
   Photoelectric Sensor
E3SLS10XE4 OMRON-E3SLS10XE4 Datasheet
186Kb / 8P
   Photoelectric Sensor
E3S-R2E41 OMRON-E3S-R2E41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-F2336 SICK-GRSE18S-F2336 Datasheet
1Mb / 7P
   PHOTOELECTRIC SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com