Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3C-A Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # E3C-A
Description  Photoelectric Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3C-A Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button E3C-A Datasheet HTML 4Page - Omron Electronics LLC E3C-A Datasheet HTML 5Page - Omron Electronics LLC E3C-A Datasheet HTML 6Page - Omron Electronics LLC E3C-A Datasheet HTML 7Page - Omron Electronics LLC E3C-A Datasheet HTML 8Page - Omron Electronics LLC E3C-A Datasheet HTML 9Page - Omron Electronics LLC E3C-A Datasheet HTML 10Page - Omron Electronics LLC E3C-A Datasheet HTML 11Page - Omron Electronics LLC E3C-A Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
E3C
E3C
9
LIGHT SOURCE/RECEIVER SETTING RANGE, continued
Diffuse Reflective Type
E3C-DS5W
E3C-DS10 (Example 1)
E3C-DS10 (Example 2)
s OPERATING RANGE
Dimensions
s SENSORS
E3C-S10
Mount the emitter and receiver on
the legs of the U-shaped bracket so
they face each other. Dimension
"A" shows the fixed sensing
distance.
Part number
Dimension A
OAC-T1
10 mm (0.394 in)
OAC-T1
20 mm (0.787 in)
OAC-T3
30 mm (1.81 in)
Mounting Brackets for E3C-S10
Unit: mm
E3C-1
E3C-2
E3C-S50


Similar Part No. - E3C-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3C-A OMRON-E3C-A Datasheet
1Mb / 16P
   Compact Head Amplifier-separated Photoelectric Sensor
E3C-A OMRON-E3C-A Datasheet
930Kb / 18P
   Special-Purpose Photoelectric Sensors
More results

Similar Description - E3C-A

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
Omron Electronics LLC
E3S-5LE41 OMRON-E3S-5LE41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-N2421V SICK-GRSE18S-N2421V Datasheet
332Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Contrinex AG Industrial...
LRR-M18PA-NMS-101 CONTRINEX-LRR-M18PA-NMS-101 Datasheet
482Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Omron Electronics LLC
E3S-LS3C1D OMRON-E3S-LS3C1D Datasheet
186Kb / 8P
   Photoelectric Sensor
E3SLS10XE4 OMRON-E3SLS10XE4 Datasheet
186Kb / 8P
   Photoelectric Sensor
E3S-R2E41 OMRON-E3S-R2E41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-F2336 SICK-GRSE18S-F2336 Datasheet
1Mb / 7P
   PHOTOELECTRIC SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com