Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

632N3I Datasheet(PDF) 3 Page - CTS Corporation

Part # 632N3I
Description  HCMOS/TTL CLOCK OSCILLATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

632N3I Datasheet(HTML) 3 Page - CTS Corporation

  632N3I Datasheet HTML 1Page - CTS Corporation 632N3I Datasheet HTML 2Page - CTS Corporation 632N3I Datasheet HTML 3Page - CTS Corporation 632N3I Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document No. 008-0328-0
Page 3 - 4
Rev. A
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
Model 632
3.2x2.5mm Low Cost
HCMOS/TTL Clock Oscillator
MECHANICAL SPECIFICATIONS
CMOS/TTL OUTPUT WAVEFORM
TEST CIRCUIT, CMOS LOAD
PERIOD (T)
90%, 80%, 2.4V
50%, 1.5V
10%, 20%, 0.5V
DUTY CYCLE = t/T x 100 (%)
V
V
OH
OL
Tr
Tf
UPTIME (t)
POWER
SUPPLY
+
-
+-
-
+
VM
mA
.01uF
D.U.T.
43
12
CL
Including probe
capacitance.
Enable Input
ENABLE TRUTH TABLE
PIN 1
PIN 3
Logic ‘1’
Output
Open
Output
Logic ‘0’
High Imp.
D.U.T. PIN ASSIGNMENTS
PIN
SYMBOL
DESCRIPTION
1
EOH
Enable Input
2
GND
Circuit & Package Ground
3
Output
RF Output
4
VCC
Supply Voltage
SUGGESTED SOLDER PAD GEOMETRY
PACKAGE DRAWING
.037 [0.95]
.087 [2.20]
1
BYPASS
C
4
.065 [1.65]
2
Inch
[mm]
Key:
.047 [1.20]
3
CBYPASS should be ≥ 0.01 uF.
( 0.90 )
0.026
( 0.65 )
0.035
( 2.10 )
0.083
0.065
( 1.65 )
21
4
3
( 1.00 ±0.20 )
( 3.20 ±0.20 )
0.126 ±0.008
0.047 ±0.008
( 2.50 ±0.20 )
0.098 ±0.008
Key:
( MM )
Inch
XX.XX
C**D
MARKING INFORMATION
1. XX.XX – Frequency in MHz.
2. C – CTS and Pin 1 identifier.
3. ** – Manufacturing Site Code.
4. D – Manufactured Date Code. See Table I
for codes.
NOTES
1. Termination pads (e4), barrier-plating is
nickel (Ni) with gold (Au) flash plate.
2. Reflow conditions per JEDEC J-STD-020.


Similar Part No. - 632N3I

ManufacturerPart #DatasheetDescription
logo
ebm-papst
632NU EBMPAPST-632NU Datasheet
187Kb / 4P
   DC axial fan
632NU EBMPAPST-632NU Datasheet
249Kb / 1P
   DC axial fans
632NU EBMPAPST-632NU_16 Datasheet
282Kb / 4P
   DC axial fan
More results

Similar Description - 632N3I

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
CB3LV CTS-CB3LV Datasheet
123Kb / 4P
   HCMOS/TTL CLOCK OSCILLATOR
CB2V5 CTS-CB2V5 Datasheet
127Kb / 4P
   HCMOS/TTL CLOCK OSCILLATOR
CB3-3I-12M CTS-CB3-3I-12M Datasheet
216Kb / 3P
   HCMOS/TTL Clock Oscillator
CB1V8 CTS-CB1V8 Datasheet
125Kb / 4P
   HCMOS/TTL CLOCK OSCILLATOR
logo
QUARTZCOM the communica...
MCO-7050H QUARTZCOM-MCO-7050H Datasheet
89Kb / 1P
   Thru-hole Clock Oscillator HCMOS / TTL
logo
Abracon Corporation
ASV1 ABRACON-ASV1 Datasheet
364Kb / 2P
   3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
07.12.07
ASV ABRACON-ASV Datasheet
366Kb / 2P
   3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
07.11.07
ASV ABRACON-ASV_08 Datasheet
202Kb / 2P
   3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
02.25.08
ASV1 ABRACON-ASV1_07 Datasheet
893Kb / 2P
   3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
12.14.07
logo
List of Unclassifed Man...
OAH3 ETC2-OAH3 Datasheet
75Kb / 1P
   HCMOS/TTL Oscillator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com