Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K3182-K60 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # K3182-K60
Description  Multilayer Chip Capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

K3182-K60 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  K3182-K60 Datasheet HTML 1Page - List of Unclassifed Manufacturers K3182-K60 Datasheet HTML 2Page - List of Unclassifed Manufacturers K3182-K60 Datasheet HTML 3Page - List of Unclassifed Manufacturers K3182-K60 Datasheet HTML 4Page - List of Unclassifed Manufacturers K3182-K60 Datasheet HTML 5Page - List of Unclassifed Manufacturers K3182-K60 Datasheet HTML 6Page - List of Unclassifed Manufacturers K3182-K60 Datasheet HTML 7Page - List of Unclassifed Manufacturers K3182-K60 Datasheet HTML 8Page - List of Unclassifed Manufacturers K3182-K60 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Siemens Matsushita Components
31
Product range
1) I
× b (inch) / l × b (mm)
X7R/B characteristic
Size1)
inch
mm
1206
3216
1210
3225
1812
4532
2220
5750
Type
B37872
B37950
B37953
B37956
VR (Vdc)
100
200
500
50
100
200
500
50
50
10
nF
12
nF
15
nF
18
nF
22
nF
27
nF
33
nF
39
nF
47
nF
56
nF
68
nF
82
nF
100
nF
120
nF
150
nF
180
nF
220
nF
270
nF
330
nF
390
nF
470
nF
560
nF
680
nF
820
nF
1,0
µF
Chip thickness (
s ): 0,5
± 0,1 mm 0,6 ± 0,1 mm 0,8 ± 0,1 mm 1,2 ± 0,1 mm 1,6 ± 0,1 mm


Similar Part No. - K3182-K60

ManufacturerPart #DatasheetDescription
logo
Shenzhen Yixinwei Techn...
K310 YIXIN-K310 Datasheet
183Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Goodwork Semiconductor ...
K310 GWSEMI-K310 Datasheet
209Kb / 2P
   Surface Mounted Schottky Barrier Rectifiers
logo
MTRONPTI
K3100G MTRONPTI-K3100G Datasheet
421Kb / 2P
   3.3V Crystal Clock Oscillators
K3100G MTRONPTI-K3100G Datasheet
311Kb / 2P
   14 pin DIP, 5.0 Volt, Clock Oscillator
K3100GA MTRONPTI-K3100GA Datasheet
421Kb / 2P
   3.3V Crystal Clock Oscillators
More results

Similar Description - K3182-K60

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
TDK Electronics
C0402JB1A222K020BC TDK-C0402JB1A222K020BC_13 Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0402JB1C331M020BC TDK-C0402JB1C331M020BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X5R1E331K030BA TDK-C0603X5R1E331K030BA Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G154M030BB TDK-C0603X6S0G154M030BB Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G223K030BC TDK-C0603X6S0G223K030BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G334K030BC TDK-C0603X6S0G334K030BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G334M030BC TDK-C0603X6S0G334M030BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C1005C0G1H121J050BA TDK-C1005C0G1H121J050BA_16 Datasheet
130Kb / 1P
   Multilayer Ceramic Chip Capacitors
C1005C0G1H221J050BA TDK-C1005C0G1H221J050BA_16 Datasheet
131Kb / 1P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com