Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM4T15 Datasheet(PDF) 6 Page - STMicroelectronics

Part # SM4T15
Description  TRANSIL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM4T15 Datasheet(HTML) 6 Page - STMicroelectronics

  SM4T15 Datasheet HTML 1Page - STMicroelectronics SM4T15 Datasheet HTML 2Page - STMicroelectronics SM4T15 Datasheet HTML 3Page - STMicroelectronics SM4T15 Datasheet HTML 4Page - STMicroelectronics SM4T15 Datasheet HTML 5Page - STMicroelectronics SM4T15 Datasheet HTML 6Page - STMicroelectronics SM4T15 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SOD 6 (Plastic).
Packaging : standard packaging is in film.
PACKAGE MECHANICAL DATA
F
BC
D
a1
A
E
ORDER CODE
SM 4 T
100
C A
TOLERANCE :
A= +/- 5%
= +/- 10%
Ref
Millimeters
Inches
min
max
min
max
A
2.48
2.61
0.096
0.103
a1
0.10
0.20
0.004
0.008
B
1.96
2.11
0.077
0.083
C
3.65
3.93
0.143
0.155
D
5.39
5.59
0.212
0.220
E
4.15
4.30
0.163
0.170
F
1.00
1.27
0.039
0.050
Weight = 0.12 g.
BIDIRECTIONAL
SURFACE MOUNT
BREAKDOWN VOLTAGE
MARKING : Logo, Date Code, Type Code, Cathode Band (for unidirectional types only).
400 WATT
a
bb
c
FOOTPRINT DIMENSIONS (Millimeter).
SOD 6 Plastic.
Ref
Millimeters
a2.75
b1.52
c2.30
SM4Txx
6/7


Similar Part No. - SM4T15

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SM4T15 SUNMATE-SM4T15 Datasheet
392Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SM4T15 SUNMATE-SM4T15 Datasheet
392Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SM4T15 SUNMATE-SM4T15 Datasheet
651Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SM4T15 SUNMATE-SM4T15 Datasheet
651Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SM4T15 SUNMATE-SM4T15 Datasheet
651Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results

Similar Description - SM4T15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMAJ STMICROELECTRONICS-SMAJ Datasheet
152Kb / 6P
   TRANSIL
SMBJ5.0A-TR STMICROELECTRONICS-SMBJ5.0A-TR Datasheet
133Kb / 10P
   Transil
P6KE6V8A STMICROELECTRONICS-P6KE6V8A_04 Datasheet
96Kb / 6P
   TRANSIL
BZW04-13 STMICROELECTRONICS-BZW04-13 Datasheet
124Kb / 6P
   TRANSIL
SM2T STMICROELECTRONICS-SM2T_05 Datasheet
54Kb / 6P
   TRANSIL?
SMCJ STMICROELECTRONICS-SMCJ Datasheet
129Kb / 10P
   Transil?
July 2010 Rev 8
15KE250CA STMICROELECTRONICS-15KE250CA Datasheet
142Kb / 10P
   Transil
SM6T56CA STMICROELECTRONICS-SM6T56CA Datasheet
125Kb / 10P
   Transil
BZW06-28B STMICROELECTRONICS-BZW06-28B Datasheet
176Kb / 6P
   TRANSIL
ESDA14V2BP6 STMICROELECTRONICS-ESDA14V2BP6 Datasheet
32Kb / 5P
   TRANSIL?
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com