Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ6.0A-TR Datasheet(PDF) 5 Page - STMicroelectronics

Part # SMBJ6.0A-TR
Description  TRANSILTM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMBJ6.0A-TR Datasheet(HTML) 5 Page - STMicroelectronics

  SMBJ6.0A-TR Datasheet HTML 1Page - STMicroelectronics SMBJ6.0A-TR Datasheet HTML 2Page - STMicroelectronics SMBJ6.0A-TR Datasheet HTML 3Page - STMicroelectronics SMBJ6.0A-TR Datasheet HTML 4Page - STMicroelectronics SMBJ6.0A-TR Datasheet HTML 5Page - STMicroelectronics SMBJ6.0A-TR Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Fig. 6 : Transient thermal impedance junction-
ambient versus pulse duration.
Mounting on FR4 PC Board with Recommended
pad layout.
Fig. 5 : Peak forward voltage drop versus peak
forward current (typical values for unidirectional
types).
Fig. 7 : Relative variation of leakage current
versus junction temperature.
ORDER CODE
BIDIRECTIONAL
No suffix : Unidirectional
SURFACE MOUNT
STAND OFF VOLTAGE
600 WATTS
SM
B
J 85
C
A - TR
TAPE & REEL
®
SMBJxxxA-TR, CA-TR
5/6


Similar Part No. - SMBJ6.0A-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMBJ6.0A-TR STMICROELECTRONICS-SMBJ6.0A-TR Datasheet
158Kb / 6P
   TRANSILTM
SMBJ6.0A-TR STMICROELECTRONICS-SMBJ6.0A-TR Datasheet
133Kb / 10P
   Transil
SMBJ6.0A-TR STMICROELECTRONICS-SMBJ6.0A-TR Datasheet
131Kb / 10P
   Transil?
October 2010 Rev 10
More results

Similar Description - SMBJ6.0A-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM15T STMICROELECTRONICS-SM15T Datasheet
125Kb / 9P
   TransilTM
SMAJ50A STMICROELECTRONICS-SMAJ50A Datasheet
90Kb / 5P
   TRANSILTM
SM15T6V8A STMICROELECTRONICS-SM15T6V8A Datasheet
189Kb / 5P
   TRANSILTM
1N5908 STMICROELECTRONICS-1N5908 Datasheet
71Kb / 6P
   TRANSILTM
August 1999 Ed : 2A
SM6T STMICROELECTRONICS-SM6T Datasheet
156Kb / 9P
   TransilTM
BZW50-10 STMICROELECTRONICS-BZW50-10 Datasheet
78Kb / 5P
   TRANSILTM
SM6T6V8A STMICROELECTRONICS-SM6T6V8A Datasheet
186Kb / 5P
   TRANSILTM
BZW50-10 STMICROELECTRONICS-BZW50-10_03 Datasheet
173Kb / 5P
   TRANSILTM
SMAJ50A-TR STMICROELECTRONICS-SMAJ50A-TR Datasheet
90Kb / 5P
   TRANSILTM
SMBJ50A STMICROELECTRONICS-SMBJ50A Datasheet
158Kb / 6P
   TRANSILTM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com