Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T555403-DBN Datasheet(PDF) 5 Page - ATMEL Corporation

Part # T555403-DBN
Description  Standard R/W IDIC (264 Bit) with Integrated Capacitance
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T555403-DBN Datasheet(HTML) 5 Page - ATMEL Corporation

  T555403-DBN Datasheet HTML 1Page - ATMEL Corporation T555403-DBN Datasheet HTML 2Page - ATMEL Corporation T555403-DBN Datasheet HTML 3Page - ATMEL Corporation T555403-DBN Datasheet HTML 4Page - ATMEL Corporation T555403-DBN Datasheet HTML 5Page - ATMEL Corporation T555403-DBN Datasheet HTML 6Page - ATMEL Corporation T555403-DBN Datasheet HTML 7Page - ATMEL Corporation T555403-DBN Datasheet HTML 8Page - ATMEL Corporation T555403-DBN Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5
4576D–RFID–12/06
T5554
3.11
Memory
The memory of the T5554 is a 264-bit EEPROM, which is arranged in 8 blocks of 33 bits each.
All 33 bits of a block, including the lock bit, are programmed simultaneously. The programming
voltage is generated on-chip.
Block 0 contains the mode data, which are not normally transmitted (see Figure 3-3).
Blocks 1 to 6 are freely programmable. Block 7 may be used as a password. If password protec-
tion is not required, it may be used for user data.
Bit 0 of every block is the lock bit for that block. Once locked, the block (including the lockbit
itself) cannot be field-reprogrammed.
Data from the memory is transmitted serially, starting with block 1, bit 1, up to block “MAXBLK”,
bit 32. “MAXBLK” is a mode parameter set by the user to a value between 0 and 7 (if maxblk = 0,
only block 0 will be transmitted).
Figure 3-3.
Memory Map
1
032
L
L
L
L
L
L
L
L
Block 7
Block 6
Block 5
Block 4
Block 3
Block 2
Block 1
Block 0
User data or password
32 bits
User data
User data
User data
User data
User data
User data
Configuration data
Not transmitted


Similar Part No. - T555403-DBN

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
T5550CP MORNSUN-T5550CP Datasheet
528Kb / 3P
   ACTIVE HIGH PRECISION AMPLIFIER
logo
ATMEL Corporation
T5551 ATMEL-T5551 Datasheet
5Mb / 294P
   High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
T5555 ATMEL-T5555 Datasheet
5Mb / 294P
   High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
T5557 ATMEL-T5557 Datasheet
711Kb / 30P
   Multifunctional 330-bit Read/Write RF-Identification IC
T5557 ATMEL-T5557 Datasheet
5Mb / 294P
   High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
More results

Similar Description - T555403-DBN

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5558 ATMEL-ATA5558 Datasheet
675Kb / 42P
   1 kbit R/W IDIC with Deterministic Anticollision
ATA5558 ATMEL-ATA5558_08 Datasheet
813Kb / 48P
   1 kbit R/W IDIC with Deterministic Anticollision
ATA5558 ATMEL-ATA5558_09 Datasheet
1Mb / 52P
   1 kbit R/W IDIC with Deterministic Anticollision
ATA5590 ATMEL-ATA5590 Datasheet
117Kb / 4P
   1-kbit UHF R/W IDIC with Anti-collision Function
logo
TEMIC Semiconductors
E5530 TEMIC-E5530 Datasheet
72Kb / 5P
   128-Bit IDIC for Radio Frequency Identification
logo
Integrated Device Techn...
IDT74FCT162701T IDT-IDT74FCT162701T Datasheet
112Kb / 9P
   FAST CMOS 18-BIT R/W BUFFER
logo
ATMEL Corporation
E5530 ATMEL-E5530 Datasheet
196Kb / 8P
   128-bit Read-only IDIC for RF Identification
logo
Artesyn Technologies
DS2500PE ARTESYN-DS2500PE Datasheet
229Kb / 8P
   180 Vac to 264 Vac 2500 W
logo
Nanjing International G...
SD05 DGNJDZ-SD05 Datasheet
203Kb / 4P
   STANDARD CAPACITANCE TVS
logo
SUNMATE electronic Co.,...
PEDSD12C SUNMATE-PEDSD12C Datasheet
241Kb / 3P
   STANDARD CAPACITANCE TVS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com