Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

105-SV68010F-23FT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 105-SV68010F-23FT
Description  Slide Switch
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

105-SV68010F-23FT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  105-SV68010F-23FT Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Schematic
2.10
(.083)
2.10
(.083)
4
(.157)
2 (.079)
8- ø.80 (.031) Hole
2- ø1.30
(.051) Hole
2.50
(.098)
2.50
(.098)
2
(.079)
6
(.236)
6.80 (.268)
4.70
(.185)
1.20
(.047)
2.50
(.098)
1.40
(.055)
2.80
(.110)
6 (.236)
4
(.157)
8.20
(.323)
12.20 (.475)
4
(.157)
.50
(.02)
2
(.079)
.40
(.016)
12.60 (.496)
2 (.079)
2 (.079)
2 (.079)
Available from Mouser Electronics
www.mouser.com
(800) 346-6873
Slide Switch
105-SV68010F-23FT
Dimensions: mm (in.)
Date: 4-23-08
Ref.#: TW-700100
Mechanical Specifications:
Rotation Torque: 300 ±200g
Tolerance: ±0.3mm
Electrical Specifications:
Rating: 0.3A/125VAC
Contact Resistance: 25mΩ max.
Insulation Resistance: 100MΩ @ 500VDC min.
Dielectric Strength: 500VAC for 1 minute
Note:
RoHS Compliant
Specifications are subject to change without notice. No liability or warranty implied by this information. Environmental compliance based on producer documentation.


Similar Part No. - 105-SV68010F-23FT

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
105-SERIES EDAC-105-SERIES Datasheet
313Kb / 2P
   105 Series Contacts | Vertical strip
More results

Similar Description - 105-SV68010F-23FT

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSSS213000 ALPS-SSSS213000 Datasheet
698Kb / 6P
   Slide Switch
SSSS820101 ALPS-SSSS820101 Datasheet
426Kb / 6P
   Slide Switch
SSST010500 ALPS-SSST010500 Datasheet
245Kb / 2P
   Slide Switch
SSSF011700 ALPS-SSSF011700 Datasheet
317Kb / 5P
   Slide Switch
SSSS710100 ALPS-SSSS710100 Datasheet
455Kb / 5P
   Slide Switch
SSSB021500 ALPS-SSSB021500 Datasheet
272Kb / 4P
   Slide Switch
logo
List of Unclassifed Man...
103-5006-EV ETC2-103-5006-EV Datasheet
134Kb / 1P
   Slide Switch
SS60012F-0102-4V-NB ETC2-SS60012F-0102-4V-NB Datasheet
133Kb / 1P
   Slide Switch
logo
ALPS ELECTRIC CO.,LTD.
SSSS912000 ALPS-SSSS912000 Datasheet
395Kb / 6P
   Slide Switch
SSSU011700 ALPS-SSSU011700 Datasheet
306Kb / 5P
   Slide Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com