Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKVC681 Datasheet(PDF) 1 Page - Semikron International

Part # SKVC681
Description  Metaloxide (ZnO) Varistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SKVC681 Datasheet(HTML) 1 Page - Semikron International

  SKVC681 Datasheet HTML 1Page - Semikron International SKVC681 Datasheet HTML 2Page - Semikron International SKVC681 Datasheet HTML 3Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© by SEMIKRON
B 14 – 121
0896
Types
VV
VDC
VDC ± 10 %
Îp 1, 2)
Îp 1, 3)
Wp 1, 3)
PAV
Vpmax p 1) = ...)
w
max.
max.
(IDC = 1 mA)
max.
repetitive
max.
non-
repetitive
max.
max.
Tamb
70 °C
(10 A)
(100 A) (1000 A)
VV
V
A
A
J
W
V
V
V
g
Wire terminals 4)
SKVA 14 A 42
42
56
68
150
4500
24,6
0,6
110
130
215
3
SKVA 14 A 60
60
85
100
150
4500
30,1
0,6
160
185
280
3
SKVA 20 B 130
140
180
220
190
6500
79,3
1,0
350
395
525
6
SKVA 14 A 150
150
200
270
150
4500
58,5
0,6
380
440
570
3
SKVA 14 A 250
250
325
420
150
4500
103
0,6
670
780
925
3
SKVA 20 B 250
250
325
420
190
6500
146,2
1,0
580
680
830
6
SKVA 20 B 275
280
364
470
190
6500
163
1,0
750
835
1025
6
SKVA 14 A 320
330
429
560
150
4500
137
0,6
800
930
1300
3
SKVA 14 A 420
420
546
710
150
4500
175
0,6
1000
1255
1600
3
SKVA 20 B 420
420
546
710
190
6500
224
1,0
1000
1255
1600
6
SKVA 20 B 460
460
598
780
190
6500
289
1,0
1240
1275
1650
6
SKVA 20 B 550
600
780
1000
190
6500
345
1,0
1590
1760
2100
6
Plastic package, 1 varistor
SKVC 20 A 251
250
320
390 ± 15 %
190
6500
140
0,8 5)
600
650
800
120
SKVC 20 A 460
460
615
750 ± 15 %
190
6500
260
0,8
5)
1150
1270
1550
120
Plastic package, 1 varistor + 1 capacitor 0,1 µF
SKVC 20 A 460C
460
615
750 ± 15 %
190
6500
260
0,8 5)
1150
1270
1550
130
Plastic package, 3 varistors
SKVC 221
140
180
220 ± 15 %
190
6500
70
0,8 5)
310
340
430
145
SKVC 391
250
320
390 ± 15 %
190
6500
130
0,8 5)
590
630
790
145
SKVC 681
420
560
680 ± 15 %
190
6500
155
0,8 5)
1000
1100
1300
145
SKVC 781
460
615
750 ± 15 %
190
6500
170
0,8 5)
1100
1200
1500
145
SKVC 911
550
745
910 ± 15 %
190
6500
210
0,8
5)
1350
1450
1900
145
14.6 Metaloxide (ZnO) Varistors
^
^
^
1) IEC standard current pulse waveform 8 x 20 µs
2) 104 times during lifetime
3) Once during lifetime
4) Epoxy encapsulation carries Underwriter Laboratories flammabitlity classification 94V-0
5) Tcase
≤ 85 °C. For higher values of P
AV see chapter B 4 last page.
0898


Similar Part No. - SKVC681

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKVC20A251 SEMIKRON-SKVC20A251 Datasheet
149Kb / 2P
   VARISTORS
SKVC20A460 SEMIKRON-SKVC20A460 Datasheet
149Kb / 2P
   VARISTORS
SKVC20A460C SEMIKRON-SKVC20A460C Datasheet
149Kb / 2P
   VARISTORS
More results

Similar Description - SKVC681

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JV1812ML050A DBLECTRO-JV1812ML050A Datasheet
144Kb / 3P
   VARISTORS
logo
List of Unclassifed Man...
2232592 ETC2-2232592 Datasheet
172Kb / 23P
   Varistors
logo
Vishay Siliconix
2322592 VISHAY-2322592 Datasheet
269Kb / 18P
   Varistors
Revision: 28-Apr-04
logo
Semikron International
SKVC20A460C SEMIKRON-SKVC20A460C Datasheet
149Kb / 2P
   VARISTORS
logo
EPCOS
B72205S2131K101 EPCOS-B72205S2131K101 Datasheet
113Kb / 11P
   Leaded Varistors
SIOV-CT0603M4G EPCOS-SIOV-CT0603M4G Datasheet
131Kb / 15P
   SMD Varistors
logo
Panasonic Semiconductor
EZJPZV6R8GANIL PANASONIC-EZJPZV6R8GANIL Datasheet
452Kb / 13P
   Multilayer Varistors
logo
TDK Electronics
VAR-18078077M3S-K TDK-VAR-18078077M3S-K Datasheet
125Kb / 2P
   Ring Varistors
VAR-18085053M3P-K TDK-VAR-18085053M3P-K Datasheet
222Kb / 2P
   Ring Varistors
VAR-18086032Y3S-K TDK-VAR-18086032Y3S-K Datasheet
125Kb / 2P
   Ring Varistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com