Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73U3158K Datasheet(PDF) 1 Page - CTS Corporation

Part # 73U3158K
Description  Ultra High Resistance Chip Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

73U3158K Datasheet(HTML) 1 Page - CTS Corporation

  73U3158K Datasheet HTML 1Page - CTS Corporation 73U3158K Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ultra High Resistance
Chip Resistors
Resistance ≤100GΩ
April 2008
Page 1 of 2
٠ CTS Electronic Components ٠ www.ctscorp.com ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠
t
d
d
L
W
FEATURES
• Ultra High Resistance (≤100G Ω)
• Surface Mount Package
• Compatible With Solder Reflow
• Tape and Reel Packaging
• Operating Temperature Range: -55°C
to +125°C
• RoHS Compliant
DESCRIPTION
These devices are used in high input
impedance quartz amplifiers, low
temperature sensing applications and
testing devices.
ELECTRICAL SPECIFICATIONS
Type
Size
Code
Tolerance
(%)
Resistance
E-6 Series
Standard
(m
Ω)
T.C.R (25
°C-125°C)
(ppm/
°C)
V.C.R
(5-15V)
(%/V)
Max.
Working
Voltage
(V)
Max.
Overload
Voltage
(V)
33M - 68M
0 to -500
0 to -0.1
100M - 680M
0 to -1000
0 to -0.5
73U3
0805
(2012)
K:
± 10
M:
± 20
N :
± 30
H :
± 50
1G - 100G
0 to -3500
0 to -5.0
15
150
MECHANICAL AND LABELING SPECIFICATIONS
(No Part Marking)
Dimensions
(mm)
L
W
c
d
t
+0.20
+0.20
+0.15
73U3
2.00
-0.10
1.25
-0.10
0.40
± 0.20
0.40
± 0.2
0.50
-0.05


Similar Description - 73U3158K

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRH1206-LF BOURNS-CRH1206-LF Datasheet
290Kb / 2P
   High resistance chip resistors
CRH0805 BOURNS-CRH0805 Datasheet
265Kb / 2P
   High resistance chip resistors
CRH0603-LF BOURNS-CRH0603-LF Datasheet
267Kb / 2P
   High resistance chip resistors
logo
Rohm
KTR18EZPJ335 ROHM-KTR18EZPJ335 Datasheet
426Kb / 5P
   High Voltage Resistance Chip Resistors
logo
RHOPOINT COMPONENTS
AEN-0103 RHOPOINT-AEN-0103 Datasheet
14Kb / 1P
   High Resistance Precision Chip Resistors
logo
Rohm
KTR10 ROHM-KTR10_08 Datasheet
73Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18 ROHM-KTR18_08 Datasheet
74Kb / 4P
   High Voltage Resistance Chip Resistors
KTR18EZPJ391 ROHM-KTR18EZPJ391 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18EZPJ271 ROHM-KTR18EZPJ271 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18EZPJ395 ROHM-KTR18EZPJ395 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com