Electronic Components Datasheet Search |
|
110UB103A1 Datasheet(PDF) 1 Page - CTS Corporation |
|
110UB103A1 Datasheet(HTML) 1 Page - CTS Corporation |
1 / 3 page ® Commercial 3 /4 " (19mm) Diameter, 11/2and 2 Watt Wirewound Variable Resistors • Inexpensive design • Open construction • Four mounting styles • Incorporated fixed resistor available • Available with nylon knob • Interchangeable mounting with CTS Series 115 preset potentiometer Series 110 Electrical and Mechanical Specifications Resistance Range 1 ohm through 10K ohms (linear taper) Resistance Tolerance Standard:±20% Special:±5% or 10% Power Rating, Watts 2 watts @ 55°C derated to no load @ 105°C, mounted on steel panel 1.5 watts @ 55°C derated to no load @ 105°C, mounted on bakelite panel Voltage Rating Determined by resistance value and wattage rating Resistance Taper Standard:Linear taper only Minimum Resistance At ends of rotation: 1% or 1 ohm, whichever is greater Resistance Taper None Incorporated Fixed Resistor A fixed resistor can be incorporated in the Series 110 at the end of CW or CCW rotation to a minimum of 10% of the total resistance. The rotation is shortened by an amount proportional to the ratio of the fixed resistor to the total resistance. Available at extra cost. Angle of Rotation 246°±5°without fixed resistor stop Resistor Adjustment Standard Cross Slot: Provided in drive plate for screwdriver adjustment. Special Molded Knob: Available at extra cost secured to drive plate cross slot. Mounting Types Available Type 110: Solder or clinch-ear mounted Type XPC - 110: Vertically mounted on printed circuit board Type 111: Snap-in mounting Type 112: Eyelet or rivet mounting Rotational Torque 1 /2 to 10 inch ounces (36 – 720 gf-cm) Terminals Terminals at end of CW or CCW rotation may be omitted. Refer to terminals on all types by numbers 1 and 3 as indicated on line drawings. Features • RoHS compliant 1 - 3 © 2006 CTS Corporation. All rights reserved. Information subject to change. 9/30/06 CTS Electronic Components www.ctscorp.com |
Similar Part No. - 110UB103A1 |
|
Similar Description - 110UB103A1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |