Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24380 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24380
Description  Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC With LDO Mode
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24380 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ24380 Datasheet HTML 2Page - Texas Instruments BQ24380 Datasheet HTML 3Page - Texas Instruments BQ24380 Datasheet HTML 4Page - Texas Instruments BQ24380 Datasheet HTML 5Page - Texas Instruments BQ24380 Datasheet HTML 6Page - Texas Instruments BQ24380 Datasheet HTML 7Page - Texas Instruments BQ24380 Datasheet HTML 8Page - Texas Instruments BQ24380 Datasheet HTML 9Page - Texas Instruments BQ24380 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
V
2V/div
OUT
V
=3.8Vto4.5Vstep
BAT
V
2V/div
FAULT
t-Time-50 s/div
m
V
1V/div
BAT
V
5V/div
IN
V
500mV/div
OUT
I
1 A/div
OUT
t-Time-20
s/div
m
2.40
2.45
2.50
2.55
2.60
2.65
2.70
2.75
-40
-15
10
35
60
85
110
135
T -Free-AirTemperature-°C
A
V
Rising
IN
V
Falling
IN
50
90
130
170
210
250
-40
-15
10
35
60
85
110
135
T -Free-AirTemperature-°C
A
I
=1 A
OUT
V
=5V
IN
V
=4V
IN
6.0
6.4
6.8
7.0
7.2
7.4
–40
–15
10
35
60
85
110
135
T – Free-AirTemperature – °C
A
6.6
6.2
V
Rising
IN
V
Rising
IN
V
Falling
IN
bq24380
bq24381
V
Falling
IN
4.90
5.00
5.10
5.20
5.30
5.40
5.50
5.60
–40
–15
10
35
60
85
110
135
T – Free-AirTemperature – °C
A
bq24380
bq24381
bq24380
bq24381
SLUS805A – APRIL 2008 – REVISED MAY 2008 .............................................................................................................................................................. www.ti.com
TYPICAL CHARACTERISTICS (continued)
SOFT-STOP DURING OCP EVENT (bq24380)
BATTERY OVP EVENT (bq24380)
Figure 7.
Figure 8.
UVLO
DROPOUT VOLTAGE
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 9.
Figure 10.
OUTPUT VOLTAGE REGULATION, VO(REG)
OVP THRESHOLD
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 11.
Figure 12.
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): bq24380 bq24381


Similar Part No. - BQ24380

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
bq24380 TI-bq24380 Datasheet
804Kb / 18P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC With LDO Mode
BQ24380DSGR TI-BQ24380DSGR Datasheet
804Kb / 18P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC With LDO Mode
BQ24380DSGR TI1-BQ24380DSGR Datasheet
1Mb / 24P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC nd Li Charger Front-End Protection IC
BQ24380DSGRG4 TI-BQ24380DSGRG4 Datasheet
804Kb / 18P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC With LDO Mode
BQ24380DSGT TI-BQ24380DSGT Datasheet
804Kb / 18P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC With LDO Mode
More results

Similar Description - BQ24380

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24382 TI-BQ24382 Datasheet
804Kb / 18P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC With LDO Mode
BQ24314 TI-BQ24314_1 Datasheet
1Mb / 25P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314 TI-BQ24314 Datasheet
380Kb / 13P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300_08 Datasheet
872Kb / 23P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24308 TI-BQ24308 Datasheet
1Mb / 24P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC
BQ24312 TI-BQ24312 Datasheet
868Kb / 21P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314ADSGT TI1-BQ24314ADSGT Datasheet
630Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300 Datasheet
836Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24315 TI-BQ24315 Datasheet
1Mb / 20P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24313 TI-BQ24313 Datasheet
1Mb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com