Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHR2244 Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHR2244
Description  5.8 GHz One Antenna Reflective Transponder for Tag GaAs Monolithic Microwave IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR2244 Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHR2244 Datasheet HTML 1Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 2Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 3Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 4Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 5Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 6Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 7Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 8Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CHR2244
RoHS COMPLIANT
Ref. : DSCHR2244QDG5053 - 22 Feb 05
1/16
Specifications subject to change without notice
united monolithic semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
5.8 GHz One Antenna Reflective Transponder for Tag
GaAs Monolithic Microwave IC
Description
The CHR2244 is a MMIC transponder dedicated to
short range communications at 5.8GHz. It includes all
the RF functions for bi-directional transmission and
CMOS compatible interfaces. Only one antenna is
necessary.
Three modes are implemented :
STANDBY : ultra low current AM detector, with a
reduced bandwidth, providing a wake-up signal on
SB_out output. This signal is a DC voltage. This
output is active when and only when an AM
modulated RF signal is applied to the RF input.
DOWNLINK
:
low
current
AM
detector,
with
optimized IF bandwidth, providing the demodulated
data at the CMOS compatible DATA_out output.
UPLINK : multiplier based on a passive reflective
mixer.
This circuit is manufactured on a MESFET process. It
is supplied in plastic package (QFN-24).
Main Features
n
5.8GHz ISM band operating frequency
n
CMOS compatible
n
Ultra low Standby current
n Integrated wake-up circuit
n High detection sensitivity for Downlink
n Reflective multiplier for Uplink
n
Single bias voltage
n
Low cost & high performances plastic package
n
Lead-free, Matt Tin (Green) solder plating
Det
T/R
MOD WK_in
DATA_out
RF
External components
Vcc
SB_out
Transponder block diagram
Main Characteristics
Tamb = +25°C; Vcc = 3.1V
Symbol
Parameter
Min
Typ
Max
Unit
Vcc_sb_i
Standby DC current ( Without RF input
signal)
8
14
µA
RF_sb_p
RF_dl_p
Minimum power for Standby mode
Minimum power for Downlink mode
-39
-39
-43
-43
dBm
dBm
BW_dl
AM demodulation frequency (Downlink)
250
500
kHz
G_ul
Uplink multiplier gain (DSB)
-6.5
-4
dB
BW_ul
Uplink IF multiplier frequency band
0.1
10
MHz
ESD Protections : Electrostatic discharge sensitive device observe handling precautions !


Similar Part No. - CHR2244

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2244-QDG UMS-CHR2244-QDG Datasheet
562Kb / 14P
   5.8 GHz One Antenna Reflective Transponder for Tag
CHR2244-QDG UMS-CHR2244-QDG_15 Datasheet
562Kb / 14P
   5.8 GHz One Antenna Reflective Transponder for Tag
More results

Similar Description - CHR2244

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2244-QDG UMS-CHR2244-QDG_15 Datasheet
562Kb / 14P
   5.8 GHz One Antenna Reflective Transponder for Tag
CHA2266 UMS-CHA2266_15 Datasheet
166Kb / 8P
   GaAs Monolithic Microwave IC
CHA3511 UMS-CHA3511_15 Datasheet
287Kb / 10P
   GaAs Monolithic Microwave IC
CHA2090 UMS-CHA2090_15 Datasheet
167Kb / 8P
   GaAs Monolithic Microwave IC
CHM1191 UMS-CHM1191 Datasheet
90Kb / 6P
   GaAs Monolithic Microwave IC
CHA6358-99F00 UMS-CHA6358-99F00 Datasheet
290Kb / 12P
   GaAs Monolithic Microwave IC
logo
World Produts Inc.
WPANT30058-RA WPI-WPANT30058-RA Datasheet
67Kb / 2P
   5.8 GHz Directional Antenna
logo
TOKO, Inc
DAT TOKO-DAT Datasheet
103Kb / 2P
   5.8 GHZ DIELECTRIC ANTENNA
logo
Alpha Industries
AS209-321 ALPHA-AS209-321 Datasheet
185Kb / 3P
   GaAs IC Reflective SPDT DC-6 GHz
logo
World Produts Inc.
WPANT30057-RA WPI-WPANT30057-RA Datasheet
69Kb / 2P
   5.8 GHz Omni-Directional Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com