Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHS2411-QDG Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHS2411-QDG
Description  23-26GHz Reflective SP4T Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHS2411-QDG Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHS2411-QDG Datasheet HTML 1Page - United Monolithic Semiconductors CHS2411-QDG Datasheet HTML 2Page - United Monolithic Semiconductors CHS2411-QDG Datasheet HTML 3Page - United Monolithic Semiconductors CHS2411-QDG Datasheet HTML 4Page - United Monolithic Semiconductors CHS2411-QDG Datasheet HTML 5Page - United Monolithic Semiconductors CHS2411-QDG Datasheet HTML 6Page - United Monolithic Semiconductors CHS2411-QDG Datasheet HTML 7Page - United Monolithic Semiconductors CHS2411-QDG Datasheet HTML 8Page - United Monolithic Semiconductors CHS2411-QDG Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
K-band SP4T
CHS2411-QDG
Ref. : DSCHS2411QDG6174 - 23 Jun 06
3/10
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical QFN measurements on board 95619 (QFN plan)
Typical Sij Parameters vs Frequency in QFN package plans
(RF - OUT1 path)
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
10
12
14
16
18
20
22
24
26
28
30
Frequency (GHz)
insertion loss OUT1 ON
isolation OUT1 OFF
Typical Sij Parameters vs Frequency in QFN package plans
(RF - OUT1 path)
-30
-25
-20
-15
-10
-5
0
10
12
14
16
18
20
22
24
26
28
30
Frequency (GHz)
input return loss
OUT1 ON
output return loss
OUT1 ON


Similar Part No. - CHS2411-QDG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHS2411-QDG UMS-CHS2411-QDG Datasheet
478Kb / 10P
   23-26GHz Reflective SP4T Switch
CHS2411-QDG UMS-CHS2411-QDG_15 Datasheet
478Kb / 10P
   23-26GHz Reflective SP4T Switch
More results

Similar Description - CHS2411-QDG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHS2411-QDG UMS-CHS2411-QDG_15 Datasheet
478Kb / 10P
   23-26GHz Reflective SP4T Switch
CHS2412-QDG UMS-CHS2412-QDG_15 Datasheet
642Kb / 10P
   23-26GHz Reflective SP4T Switch
logo
Hittite Microwave Corpo...
HMC1084LC4 HITTITE-HMC1084LC4 Datasheet
1Mb / 6P
   GaAs MMIC SP4T REFLECTIVE SWITCH 23 - 30 GHz
HMC944LC4 HITTITE-HMC944LC4 Datasheet
694Kb / 4P
   GaAs MMIC SP4T REFLECTIVE SWITCH, 23 - 30 GHz
logo
Filtronic Compound Semi...
FMS2003 FILTRONIC-FMS2003 Datasheet
459Kb / 4P
   SP4T Reflective pHEMT MMIC Switch
FMS2016-001 FILTRONIC-FMS2016-001 Datasheet
220Kb / 6P
   High Power Reflective GaAs SP4T Switch
FMS2016-001 FILTRONIC-FMS2016-001_1 Datasheet
288Kb / 6P
   High Power Reflective GaAs SP4T Switch
FMS2003QFN FILTRONIC-FMS2003QFN Datasheet
179Kb / 6P
   High Power Reflective GaAs SP4T Switch
FMS2016QFN FILTRONIC-FMS2016QFN Datasheet
199Kb / 6P
   High Power Reflective GaAs SP4T Switch
FMS2016-005 FILTRONIC-FMS2016-005 Datasheet
290Kb / 6P
   High Power Reflective GaAs SP4T Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com