Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHS5100 Datasheet(PDF) 7 Page - United Monolithic Semiconductors

Part # CHS5100
Description  DC-20GHz Reflective SPDT Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHS5100 Datasheet(HTML) 7 Page - United Monolithic Semiconductors

  CHS5100 Datasheet HTML 1Page - United Monolithic Semiconductors CHS5100 Datasheet HTML 2Page - United Monolithic Semiconductors CHS5100 Datasheet HTML 3Page - United Monolithic Semiconductors CHS5100 Datasheet HTML 4Page - United Monolithic Semiconductors CHS5100 Datasheet HTML 5Page - United Monolithic Semiconductors CHS5100 Datasheet HTML 6Page - United Monolithic Semiconductors CHS5100 Datasheet HTML 7Page - United Monolithic Semiconductors CHS5100 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DC-20GHz Reflective SPDT Switch
CHS5100
Ref. : DSCHS51005011 - 11 Jan 05
7/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Chip Mechanical Data
RF Pad Size :120 x 80µm
DC Pad Size :100 x 100µm
chip thickness 100µm +/-10µm


Similar Part No. - CHS5100

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHS5100 UMS-CHS5100 Datasheet
115Kb / 9P
   DC-20GHz Reflective SPDT Switch
CHS5100 UMS-CHS5100 Datasheet
138Kb / 8P
   DC-20GHz Reflective SPDT Switch
CHS5100-99F/00 UMS-CHS5100-99F/00 Datasheet
115Kb / 9P
   DC-20GHz Reflective SPDT Switch
CHS5100 UMS-CHS5100_15 Datasheet
138Kb / 8P
   DC-20GHz Reflective SPDT Switch
More results

Similar Description - CHS5100

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHS5100 UMS-CHS5100 Datasheet
115Kb / 9P
   DC-20GHz Reflective SPDT Switch
CHS5100 UMS-CHS5100_15 Datasheet
138Kb / 8P
   DC-20GHz Reflective SPDT Switch
logo
Custom MMIC Design Serv...
CMD215 MMIC-CMD215 Datasheet
226Kb / 9P
   DC-40 GHz SPDT Reflective Switch
logo
Teledyne Technologies I...
TDSW030A2T TELEDYNE-TDSW030A2T Datasheet
810Kb / 8P
   dc-30GHz Reflective GaAs SPDT Switch
June 16, 2022
logo
Filtronic Compound Semi...
FMS2024 FILTRONIC-FMS2024_1 Datasheet
184Kb / 5P
   DC-20 GHZ MMIC SPDT REFLECTIVE SWITCH
logo
Hittite Microwave Corpo...
HMC284MS8G HITTITE-HMC284MS8G_07 Datasheet
249Kb / 6P
   SPDT NON-REFLECTIVE SWITCH, DC - 3.5 GHz
HMC435MS8G HITTITE-HMC435MS8G_10 Datasheet
165Kb / 4P
   SPDT NON-REFLECTIVE SWITCH, DC - 4 GHz
logo
Custom MMIC Design Serv...
CMD196 MMIC-CMD196 Datasheet
216Kb / 9P
   DC-28 GHz SPDT Non-reflective Switch
logo
Analog Devices
HMC435AMS8G AD-HMC435AMS8G Datasheet
472Kb / 5P
   SPDT NON-REFLECTIVE SWITCH, DC - 4 GHz
logo
Hittite Microwave Corpo...
HMC435MS8G HITTITE-HMC435MS8G Datasheet
189Kb / 6P
   SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com