Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHV2242C Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHV2242C
Description  Q-band VCO based on Ku-band Oscillator and Q-band Multiplier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHV2242C Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHV2242C Datasheet HTML 1Page - United Monolithic Semiconductors CHV2242C Datasheet HTML 2Page - United Monolithic Semiconductors CHV2242C Datasheet HTML 3Page - United Monolithic Semiconductors CHV2242C Datasheet HTML 4Page - United Monolithic Semiconductors CHV2242C Datasheet HTML 5Page - United Monolithic Semiconductors CHV2242C Datasheet HTML 6Page - United Monolithic Semiconductors CHV2242C Datasheet HTML 7Page - United Monolithic Semiconductors CHV2242C Datasheet HTML 8Page - United Monolithic Semiconductors CHV2242C Datasheet HTML 9Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Q-band VCO
CHV2242c
Ref. : DSCHV2242c6354 - 20 Dec 06
3/9
Specifications subject to change without notice
Route Départementale 128, B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Chip Mechanical Data and Pin References
Unit = µm
External chip size = 2410 x 1180 +/- 35
Chip thickness = 100 +/- 10
RF Pads (1, 2,11) = 83 x 86
DC/IF Pads = 98 x 95
Pin number
Pin name
Description
1
ERC2
External Resonator Coupling Port 2
2
RF_out
RF output at 38GHz
3, 7
NC
4, 6
+V
Positive supply voltage
5, 8
-V
Negative supply voltage
9
GND (optional)
10
V-tune
Tuning voltage input port
11
ERC1
External Resonator Coupling Port 1
No Number
Ground : should not be bonded. If required, please
ask for more information.


Similar Part No. - CHV2242C

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHV2242A UMS-CHV2242A Datasheet
812Kb / 8P
   Q-band VCO based on Ku-band Oscillator and Q-band Multiplier
CHV2242A-99F/00 UMS-CHV2242A-99F/00 Datasheet
812Kb / 8P
   Q-band VCO based on Ku-band Oscillator and Q-band Multiplier
More results

Similar Description - CHV2242C

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHV2242A UMS-CHV2242A Datasheet
812Kb / 8P
   Q-band VCO based on Ku-band Oscillator and Q-band Multiplier
CHV2243A UMS-CHV2243A_15 Datasheet
112Kb / 6P
   Fully Integrated Q-band VCO based on Ku-band Oscillator and Q-band Multiplier
CHV2243 UMS-CHV2243 Datasheet
99Kb / 6P
   Fully Integrated Q-band VCO based on Ku-band Oscillator and Q-band Multiplier
CHV2243A UMS-CHV2243A Datasheet
173Kb / 6P
   Fully Integrated Q-band VCO based on Ku-band Oscillator and Q-band Multiplier
CHV2240 UMS-CHV2240_15 Datasheet
373Kb / 8P
   Multifunction K-band VCO and Q-band Multiplier
CHV2240 UMS-CHV2240 Datasheet
352Kb / 8P
   Multifunction : K-band VCO and Q-band Multiplier
CHV2241 UMS-CHV2241 Datasheet
215Kb / 8P
   K-band Oscillator with integrated Q-band Harmonic Mixer
logo
TriQuint Semiconductor
TGA4042-EPU TRIQUINT-TGA4042-EPU Datasheet
321Kb / 10P
   Q-Band Driver Amplifier
TGA4042 TRIQUINT-TGA4042 Datasheet
407Kb / 10P
   Q-Band Driver Amplifier
TGA4043 TRIQUINT-TGA4043_15 Datasheet
366Kb / 8P
   Q Band Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com