Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM4T22C Datasheet(PDF) 5 Page - STMicroelectronics

Part # SM4T22C
Description  TRANSIL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM4T22C Datasheet(HTML) 5 Page - STMicroelectronics

  SM4T22C Datasheet HTML 1Page - STMicroelectronics SM4T22C Datasheet HTML 2Page - STMicroelectronics SM4T22C Datasheet HTML 3Page - STMicroelectronics SM4T22C Datasheet HTML 4Page - STMicroelectronics SM4T22C Datasheet HTML 5Page - STMicroelectronics SM4T22C Datasheet HTML 6Page - STMicroelectronics SM4T22C Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ZTH j-a ( ˚C/W )
0.01
0.1
1
10
100
1000
1
10
100
Figure 6 : Transient thermal impedance
junction-ambient versus pulse duration. For a
mounting on PC Board with standard footprint
dimensions.
Figure 5 : Peak forward voltage drop versus
peak forward current (typical values for
unidirectional types).
C (pF)
1
10
100
10
100
1000
10000
V(V)
R
Tj = 25˚C
f=1MHz
SM4T6V8CA
SM4T 15CA
SM4T 30CA
SM4T 68CA
SM4T 220CA
Figure 4b : Capacitance versus reverse applied
voltage for bidirectional types (typical values)
C (pF)
1
10
100
10
100
1000
10000
V(V)
R
Tj = 25˚C
f=1MHz
SM4T6V8
A
SM4T15A
SM4T30A
SM4T68A
SM4T220A
Figure 4a : Capacitance versus reverse applied
voltage for unidirectional types (typical values).
SM4Txx
5/7


Similar Part No. - SM4T22C

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SM4T22C SUNMATE-SM4T22C Datasheet
392Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SM4T22CA SUNMATE-SM4T22CA Datasheet
651Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SM4T22CA SUNMATE-SM4T22CA Datasheet
392Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results

Similar Description - SM4T22C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMAJ STMICROELECTRONICS-SMAJ Datasheet
152Kb / 6P
   TRANSIL
SMBJ5.0A-TR STMICROELECTRONICS-SMBJ5.0A-TR Datasheet
133Kb / 10P
   Transil
P6KE6V8A STMICROELECTRONICS-P6KE6V8A_04 Datasheet
96Kb / 6P
   TRANSIL
BZW04-13 STMICROELECTRONICS-BZW04-13 Datasheet
124Kb / 6P
   TRANSIL
SM2T STMICROELECTRONICS-SM2T_05 Datasheet
54Kb / 6P
   TRANSIL?
SMCJ STMICROELECTRONICS-SMCJ Datasheet
129Kb / 10P
   Transil?
July 2010 Rev 8
15KE250CA STMICROELECTRONICS-15KE250CA Datasheet
142Kb / 10P
   Transil
SM6T56CA STMICROELECTRONICS-SM6T56CA Datasheet
125Kb / 10P
   Transil
BZW06-28B STMICROELECTRONICS-BZW06-28B Datasheet
176Kb / 6P
   TRANSIL
ESDA14V2BP6 STMICROELECTRONICS-ESDA14V2BP6 Datasheet
32Kb / 5P
   TRANSIL?
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com