Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS51413GDR8G Datasheet(PDF) 8 Page - ON Semiconductor

Part # CS51413GDR8G
Description  1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51413GDR8G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CS51413GDR8G Datasheet HTML 4Page - ON Semiconductor CS51413GDR8G Datasheet HTML 5Page - ON Semiconductor CS51413GDR8G Datasheet HTML 6Page - ON Semiconductor CS51413GDR8G Datasheet HTML 7Page - ON Semiconductor CS51413GDR8G Datasheet HTML 8Page - ON Semiconductor CS51413GDR8G Datasheet HTML 9Page - ON Semiconductor CS51413GDR8G Datasheet HTML 10Page - ON Semiconductor CS51413GDR8G Datasheet HTML 11Page - ON Semiconductor CS51413GDR8G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
CS51411, CS51412, CS51413, CS51414
http://onsemi.com
8
Control Ramp Generation
In original V2 designs, the control ramp VCR was
generated from the converter's output ripple. Using a current
derived ramp provides the same benefits as current mode,
namely input feed forward, single pole output filter
compensation and fast feedback following output load
transients. Typically a tantalum or organic polymer
capacitor is selected having a sufficiently large ESR
component, relative to its capacitive and ESL ripple
contributions, to ensure the control ramp was sensing
inductor current and its amplitude was sufficient to maintain
loop stability. This technique is illustrated in Figure 6.
Figure 6. Control Ramp Generated from Output
VIN
VOUT
L
Cesr
C
VFB
Advances in multilayer ceramic capacitor technology are
such that MLCC's can provide a cost effective filter solution
for low voltage (< 12 V), high frequency converters
(>200 kHz). For example, a 10
mF MLCC 16 V in a
805 SMT package has an ESR of 2 m
W and an ESL of
100 nH. Using several MLCC's in parallel, connected to
power and ground planes on a PCB with multiple vias, can
provide a “near perfect” capacitor. Using this technique,
output switching ripple below 10 mV can be readily
obtained since parasitic ESR and ESL ripple contributions
are nil. In this case, the control ramp is generated elsewhere
in the circuit.
Ramp generation using dcr inductor current sensing,
where the L/DCR time constant of the output inductor is
matched with the CR time constant of the integrating
network, is shown in Figure 7. The converter's transient
response following a 1 A step load is shown in Figure 8. This
transient response is indicative of a closed loop in excess of
10 kHz having good gain and phase margin in the frequency
domain. Also note the amplitude of output switching ripple
provided by just two 10
mF MLCC's.
Figure 7. Control Ramp Generated from DCR
Inductor Sensing
VIN
VOUT
C
R
VFB
Figure 8.
Ramp generation using a voltage feed forward technique
is illustrated in Figure 9.
Figure 9. Control Ramp from Voltage Feed Forward
VIN
VOUT
Rf
Cf
CZ
VFB


Similar Part No. - CS51413GDR8G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS51413GDR8G ONSEMI-CS51413GDR8G Datasheet
252Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
February, 2007 ??Rev. 17
CS51413GDR8G ONSEMI-CS51413GDR8G Datasheet
283Kb / 20P
   Low Voltage Buck Regulators
May, 2013 ??Rev. 21
More results

Similar Description - CS51413GDR8G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS51411 ONSEMI-CS51411_07 Datasheet
252Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
February, 2007 ??Rev. 17
CS51411 ONSEMI-CS51411_12 Datasheet
290Kb / 20P
   1.5 A, 260 kHz and 520 kHz Low Voltage Buck Regulators with External Bias or Synchronization Capability
November, 2012 ??Rev. 20
CS51411 ONSEMI-CS51411 Datasheet
489Kb / 16P
   1.5A, 260 kHz AND 520 kHz, LOW VOLTAGE BUCK REGULATORS WITH EXTERNAL BIAS OR SYNCHRONIZATION CAPABILITY
September, 2002 ??Rev. 11
NCV51411 ONSEMI-NCV51411 Datasheet
182Kb / 16P
   1.5 A, 260 kHz, Low Voltage Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 15
NCV51411 ONSEMI-NCV51411 Datasheet
224Kb / 16P
   1.5 A, 260 kHz, Low Voltage Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 15
NCV8842 ONSEMI-NCV8842_11 Datasheet
377Kb / 16P
   1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
July, 2011 ??Rev. 10
NCV8842 ONSEMI-NCV8842 Datasheet
180Kb / 15P
   1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
October, 2006 ??Rev. 1
NCV8843 ONSEMI-NCV8843 Datasheet
187Kb / 15P
   1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
October, 2006 ??Rev. 1
NCP1546 ONSEMI-NCP1546 Datasheet
152Kb / 13P
   1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
March, 2007 ??Rev. 0
NCV8843 ONSEMI-NCV8843_10 Datasheet
385Kb / 16P
   1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com