Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ20Z80DBTG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ20Z80DBTG4
Description  SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29312A
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ20Z80DBTG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ20Z80DBTG4 Datasheet HTML 3Page - Texas Instruments BQ20Z80DBTG4 Datasheet HTML 4Page - Texas Instruments BQ20Z80DBTG4 Datasheet HTML 5Page - Texas Instruments BQ20Z80DBTG4 Datasheet HTML 6Page - Texas Instruments BQ20Z80DBTG4 Datasheet HTML 7Page - Texas Instruments BQ20Z80DBTG4 Datasheet HTML 8Page - Texas Instruments BQ20Z80DBTG4 Datasheet HTML 9Page - Texas Instruments BQ20Z80DBTG4 Datasheet HTML 10Page - Texas Instruments BQ20Z80DBTG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
www.ti.com
SMBus TIMING SPECIFICATIONS
bq20z80
bq20z80A
SLUS782 – JULY 2007
VDD = 3 V to 3.6 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fSMB
SMBus operating frequency
Slave mode, SMBC 50% duty cycle
10
100
kHz
fMAS
SMBus master clock frequency
Master mode, no clock low slave extend
51.2
tBUF
Bus free time between start and stop
4.7
tHD:STA
Hold time after (repeated) start
4
μs
tSU:STA
Repeated start setup time
4.7
tSU:STO
Stop setup time
4
Receive mode
0
tHD:DAT
Data hold time
Transmit mode
300
ns
tSU:DAT
Data setup time
250
tTIMEOUT
Error signal/detect
See (1)
25
35
ms
tLOW
Clock low period
4.7
μs
tHIGH
Clock high period
See (2)
4
50
tLOW:SEXT
Cumulative clock low slave extend time
See (3)
25
ms
tLOW:MEXT
Cumulative clock low master extend time
See (4)
10
tF
Clock/data fall time
(VILMAX – 0.15 V) to (VIHMIN + 0.15 V)
300
ns
tR
Clock/data rise time
0.9 VDD to (VILMAX – 0.15 V)
1000
(1)
The bq20z80 times out when any clock low exceeds tTIMEOUT.
(2)
tHIGH:MAX. is minimum bus idle time. SMBC = 1 for t > 50 μs causes reset of any transaction involving the bq20z80 that is in progress.
(3)
tLOW:SEXT is the cumulative time a slave device is allowed to extend the clock cycles in one message from initial start to the stop.
(4)
tLOW:MEXT is the cumulative time a master device is allowed to extend the clock cycles in one message from initial start to the stop.
SMBus TIMING DIAGRAM
7
Submit Documentation Feedback


Similar Part No. - BQ20Z80DBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z80DBTG4 TI-BQ20Z80DBTG4 Datasheet
1Mb / 75P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z80DBTG4 TI1-BQ20Z80DBTG4 Datasheet
717Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK
More results

Similar Description - BQ20Z80DBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z80-V101 TI-BQ20Z80-V101_07 Datasheet
1Mb / 75P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z80-V102 TI-BQ20Z80-V102_08 Datasheet
410Kb / 27P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z80-V101 TI-BQ20Z80-V101 Datasheet
1Mb / 73P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z80-V102 TI-BQ20Z80-V102_07 Datasheet
517Kb / 28P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TM TECHNOLOGY FOR USE WITH THE BQ29312A
BQ20Z80-V102 TI-BQ20Z80-V102 Datasheet
800Kb / 24P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK-TM TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z90-V150 TI1-BQ20Z90-V150 Datasheet
300Kb / 15P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90DBTR-V150 TI-BQ20Z90DBTR-V150 Datasheet
274Kb / 15P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40 TI-BQ20Z40 Datasheet
463Kb / 18P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90 TI-BQ20Z90_07 Datasheet
672Kb / 27P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40 TI1-BQ20Z40_17 Datasheet
294Kb / 17P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com