Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ20Z80DBTG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # BQ20Z80DBTG4
Description  SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29312A
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ20Z80DBTG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ20Z80DBTG4 Datasheet HTML 6Page - Texas Instruments BQ20Z80DBTG4 Datasheet HTML 7Page - Texas Instruments BQ20Z80DBTG4 Datasheet HTML 8Page - Texas Instruments BQ20Z80DBTG4 Datasheet HTML 9Page - Texas Instruments BQ20Z80DBTG4 Datasheet HTML 10Page - Texas Instruments BQ20Z80DBTG4 Datasheet HTML 11Page - Texas Instruments BQ20Z80DBTG4 Datasheet HTML 12Page - Texas Instruments BQ20Z80DBTG4 Datasheet HTML 13Page - Texas Instruments BQ20Z80DBTG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
www.ti.com
System Present Operation
BATTERY PARAMETER MEASUREMENTS
Charge and Discharge Counting
Voltage
Current
Auto Calibration
Temperature
COMMUNICATIONS
SMBus On and Off State
bq20z80
bq20z80A
SLUS782 – JULY 2007
FEATURE SET (continued)
The performance of the internal oscillator depends on the tolerance of the 100-k
Ω resistor between RSOC (pin
33) and VSSA (pin 34). Choose a resistor with a tolerance of
±0.1%, and 50-ppm or better temperature drift.
Place this resistor as close as possible to the bq20z80. If a 12-pF crystal is used, place it as close as possible to
the XCK1 (pin 34) and XCK2 (pin 33) pins. If not properly implemented, the PCB layout in this area can degrade
oscillator performance.
The bq20z80 pulls the PU pin high periodically (1 s). Connect this pin to the PRES pin of the bq20z80 via a
resistor of approximately 5 k
Ω. The bq20z80 measures the PRES input during the PU-active period to determine
its state. If PRES input is pulled to ground by external system, the bq20z80 detects this as system present.
The bq20z80 uses an integrating delta-sigma analog-to-digital converter (ADC) for current measurement, and a
second delta-sigma ADC for individual cell and battery voltage, and temperature measurement.
The integrating delta-sigma ADC measures the charge/discharge flow of the battery by measuring the voltage
drop across a small-value sense resistor between the SR1 and SR2 pins. The integrating ADC measures bipolar
signals from -0.25 V to 0.25 V. The bq20z80 detects charge activity when VSR = V(SR1)-V(SR2)is positive and
discharge activity when VSR = V(SR1)-V(SR2) is negative. The bq20z80 continuously integrates the signal over
time, using an internal counter. The fundamental rate of the counter is 0.65 nVh.
The bq20z80 updates the individual series cell voltages through the bq29312A at one second intervals. The
bq20z80 configures the bq29312A to connect the selected cell, cell offset, or bq29312A VREF to the CELL pin
of the bq29312A, which is required to be connected to VIN of the bq20z80. The internal ADC of the bq20z80
measures the voltage, scales and calibrates it appropriately. This data is also used to calculate the impedance
of the cell for the Impedance Track™ gas-gauging.
The bq20z80 uses the SR1 and SR2 inputs to measure and calculate the battery charge and discharge current
using a 5 m
Ω to 20 mΩ (typical) sense resistor.
The bq20z80 provides an auto-calibration feature to cancel the voltage offset error across SR1 and SR2 for
maximum charge measurement accuracy. The bq20z80 performs auto-calibration when the SMBus lines stay
low continuously for a minimum of 5 s.
The bq20z80 TS1 and TS2 inputs, in conjunction with two identical NTC thermistors (default are Semitec
103AT), measure the battery environmental temperature. The bq20z80 can also be configured to use its internal
temperature sensor.
The bq20z80 uses SMBus v1.1 with Master Mode and package error checking (PEC) options per the SBS
specification.
The bq20z80 detects an SMBus off state when SMBC and SMBD are logic-low greater than an adjustable
period of time. Clearing this state requires either SMBC or SMBD to transition high. Within 1 ms, the
communication bus is available.
10
Submit Documentation Feedback


Similar Part No. - BQ20Z80DBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z80DBTG4 TI-BQ20Z80DBTG4 Datasheet
1Mb / 75P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z80DBTG4 TI1-BQ20Z80DBTG4 Datasheet
717Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK
More results

Similar Description - BQ20Z80DBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z80-V101 TI-BQ20Z80-V101_07 Datasheet
1Mb / 75P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z80-V102 TI-BQ20Z80-V102_08 Datasheet
410Kb / 27P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z80-V101 TI-BQ20Z80-V101 Datasheet
1Mb / 73P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z80-V102 TI-BQ20Z80-V102_07 Datasheet
517Kb / 28P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TM TECHNOLOGY FOR USE WITH THE BQ29312A
BQ20Z80-V102 TI-BQ20Z80-V102 Datasheet
800Kb / 24P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK-TM TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z90-V150 TI1-BQ20Z90-V150 Datasheet
300Kb / 15P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90DBTR-V150 TI-BQ20Z90DBTR-V150 Datasheet
274Kb / 15P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40 TI-BQ20Z40 Datasheet
463Kb / 18P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90 TI-BQ20Z90_07 Datasheet
672Kb / 27P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40 TI1-BQ20Z40_17 Datasheet
294Kb / 17P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com