Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74BCT640DWE4 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74BCT640DWE4
Description  OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74BCT640DWE4 Datasheet(HTML) 4 Page - Texas Instruments

  SN74BCT640DWE4 Datasheet HTML 1Page - Texas Instruments SN74BCT640DWE4 Datasheet HTML 2Page - Texas Instruments SN74BCT640DWE4 Datasheet HTML 3Page - Texas Instruments SN74BCT640DWE4 Datasheet HTML 4Page - Texas Instruments SN74BCT640DWE4 Datasheet HTML 5Page - Texas Instruments SN74BCT640DWE4 Datasheet HTML 6Page - Texas Instruments SN74BCT640DWE4 Datasheet HTML 7Page - Texas Instruments SN74BCT640DWE4 Datasheet HTML 8Page - Texas Instruments SN74BCT640DWE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SN54BCT640, SN74BCT640
OCTAL BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS025C – SEPTEMBER 1988 – REVISED APRIL 1994
2–4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics (see Note 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
CL = 50 pF,
R1 = 500
Ω,
R2 = 500
Ω,
TA = 25°C
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
R1 = 500
Ω,
R2 = 500
Ω,
TA = MIN to MAX†
UNIT
′BCT640
SN54BCT640
SN74BCT640
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
AorB
BorA
0.5
3.6
5.6
0.5
7
0.5
6.5
ns
tPHL
A or B
B or A
0.5
1.9
3.4
0.5
3.8
0.5
3.7
ns
tPZH
OE
AorB
3.1
6.4
8.9
2.6
10.5
2.6
10.2
ns
tPZL
OE
A or B
4.1
6.9
9.5
3.5
12.3
3.5
10.7
ns
tPHZ
OE
AorB
1.9
5
7.9
1.4
12.2
1.4
10.2
ns
tPLZ
OE
A or B
1.8
4.3
6.8
1.5
8.3
1.5
7.8
ns
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
NOTE 2: Load circuits and voltage waveforms are shown in Section 1.


Similar Part No. - SN74BCT640DWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT640DWE4 TI-SN74BCT640DWE4 Datasheet
476Kb / 12P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74BCT640DWE4 TI-SN74BCT640DWE4 Datasheet
621Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74BCT640DWE4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT640 TI-SN54ABT640 Datasheet
107Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AC245 TI-SN54AC245 Datasheet
100Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC640A HITACHI-HD74BC640A Datasheet
44Kb / 9P
   Octal Bus Transceivers With 3 State Outputs
logo
Renesas Technology Corp
HD74HCT245 RENESAS-HD74HCT245_15 Datasheet
130Kb / 9P
   Octal Bus Transceivers (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com