Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNJ54BCT646W Datasheet(PDF) 8 Page - Texas Instruments

Part # SNJ54BCT646W
Description  OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNJ54BCT646W Datasheet(HTML) 8 Page - Texas Instruments

Back Button SNJ54BCT646W Datasheet HTML 4Page - Texas Instruments SNJ54BCT646W Datasheet HTML 5Page - Texas Instruments SNJ54BCT646W Datasheet HTML 6Page - Texas Instruments SNJ54BCT646W Datasheet HTML 7Page - Texas Instruments SNJ54BCT646W Datasheet HTML 8Page - Texas Instruments SNJ54BCT646W Datasheet HTML 9Page - Texas Instruments SNJ54BCT646W Datasheet HTML 10Page - Texas Instruments SNJ54BCT646W Datasheet HTML 11Page - Texas Instruments SNJ54BCT646W Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
SN54BCT646, SN74BCT646
OCTAL BUS TRANSCEIVERS AND REGISTERS
WITH 3STATE OUTPUTS
SCBS037D − AUGUST 1989 − REVISED MAY 2004
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
NOTES: A. CL includes probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, tr = tf ≤ 2.5 ns, duty cycle = 50%.
C. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
D. The outputs are measured one at a time, with one transition per measurement.
E. When measuring propagation delay times of 3-state outputs, switch S1 is open.
F. All parameters and waveforms are not applicable to all devices.
From Output
Under Test
Test
Point
R1
CL
(see Note A)
LOAD CIRCUIT FOR
TOTEM-POLE OUTPUTS
LOAD CIRCUIT FOR
3-STATE AND OPEN-COLLECTOR OUTPUTS
R1
S1
7 V (tPZL, tPLZ, O.C.)
Open
(all others)
From Output
Under Test
Test
Point
R2
CL
(see Note A)
RL = R1 = R2
1.5 V
1.5 V
1.5 V
3 V
3 V
0 V
0 V
th
tsu
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
Timing Input
(see Note B)
Data Input
(see Note B)
1.5 V
1.5 V
3 V
3 V
0 V
0 V
High-Level
Pulse
(see Note B)
Low-Level
Pulse
tw
VOLTAGE WAVEFORMS
PULSE DURATION
1.5 V
1.5 V
tPHL
tPLH
tPLH
tPHL
Input
(see Note B)
Out-of-Phase
Output
(see Note D)
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
3 V
0 V
VOL
VOH
VOH
VOL
In-Phase
Output
(see Note D)
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES (see Note D)
tPHZ
tPLZ
0.3 V
tPZL
tPZH
1.5 V
1.5 V
1.5 V
1.5 V
3 V
0 V
Output
Control
(low-level enable)
Waveform 1
(see Notes C and D)
Waveform 2
(see Notes C and D)
0 V
VOH
VOL
3.5 V
0.3 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES, 3-STATE OUTPUTS
Figure 2. Load Circuit and Voltage Waveforms


Similar Part No. - SNJ54BCT646W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54BCT646W TI-SNJ54BCT646W Datasheet
337Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SNJ54BCT646W TI-SNJ54BCT646W Datasheet
385Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results

Similar Description - SNJ54BCT646W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS646 TI-SN74ALS646 Datasheet
1Mb / 29P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646_07 Datasheet
385Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT646 TI-SN54ABT646 Datasheet
344Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT2952A TI-SN54ABT2952A_07 Datasheet
548Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646 Datasheet
337Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT652 TI-SN54BCT652 Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC646A TI-SN54LVC646A Datasheet
197Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS646 TI-SN54ALS646 Datasheet
270Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC652A TI-SN54LVC652A Datasheet
196Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS652 TI1-SN54ALS652_15 Datasheet
906Kb / 33P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT652 TI1-SN54ABT652_14 Datasheet
179Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com