Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10R272L Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST10R272L
Description  16-BIT LOW VOLTAGE ROMLESS MCU WITH MAC
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R272L Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST10R272L Datasheet HTML 2Page - STMicroelectronics ST10R272L Datasheet HTML 3Page - STMicroelectronics ST10R272L Datasheet HTML 4Page - STMicroelectronics ST10R272L Datasheet HTML 5Page - STMicroelectronics ST10R272L Datasheet HTML 6Page - STMicroelectronics ST10R272L Datasheet HTML 7Page - STMicroelectronics ST10R272L Datasheet HTML 8Page - STMicroelectronics ST10R272L Datasheet HTML 9Page - STMicroelectronics ST10R272L Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 77 page
background image
6/77
ST10R272L - PIN DESCRIPTION
P3.0 –
P3.13
P3.15
8-21
22
I/O
I/O
5T
5T
A 15-bit (P3.14 is missing) bidirectional I/O port. Port 3 is bit-
wise programmable for input or output via direction bits. For a
pin configured as input, the output driver is put into high-
impedance state. Port 3 outputs can be configured as push/
pull or open drain drivers. The following pins have alternate
functions:
9
O
5T
P3.1
T6OUT
GPT2 Timer T6 toggle latch output
10
I
5T
P3.2
CAPIN
GPT2 Register CAPREL capture
input
11
O
5T
P3.3
T3OUT
GPT1 Timer T3 toggle latch output
12
I
5T
P3.4
T3EUD
GPT1 Timer T3 ext.up/down ctrl.input
13
I
5T
P3.5
T4IN
GPT1 Timer T4 input for count/gate/
reload/capture
14
I
5T
P3.6
T3IN
GPT1 Timer T3 count/gate input
15
I
5T
P3.7
T2IN
GPT1 Timer T2 input for count/gate/
reload/capture
18
O
5T
P3.10
TxD0
ASC0 clock/data output (asyn./syn.)
19
I/O
5T
P3.11
RxD0
ASC0 data input (asyn.) or I/O (syn.)
20
O
5T
P3.12
BHE
Ext. Memory High Byte Enable Signal
O5T
WRH
Ext. Memory High Byte Write Strobe
22
O
5T
P3.15
CLKOUT
System clock output (=CPU clock)
Table 1 Pin definitions
1


Similar Part No. - ST10R272L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10R272L-B0 STMICROELECTRONICS-ST10R272L-B0 Datasheet
24Kb / 4P
   16-BIT ROMLESS LOW VOLTAGE MCU WITH MAC
More results

Similar Description - ST10R272L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10R272L-B0 STMICROELECTRONICS-ST10R272L-B0 Datasheet
24Kb / 4P
   16-BIT ROMLESS LOW VOLTAGE MCU WITH MAC
ST10R172L-B0 STMICROELECTRONICS-ST10R172L-B0 Datasheet
20Kb / 3P
   16-BIT LOW VOLTAGE ROMLESS MCU
ST10R172L STMICROELECTRONICS-ST10R172L Datasheet
648Kb / 68P
   16-BIT LOW VOLTAGE ROMLESS MCU
ST10R167-Q3 STMICROELECTRONICS-ST10R167-Q3 Datasheet
622Kb / 63P
   16-BIT ROMLESS MCU
ST10R167 STMICROELECTRONICS-ST10R167 Datasheet
412Kb / 63P
   16-BIT ROMLESS MCU
logo
Zilog, Inc.
Z8609316PSG ZILOG-Z8609316PSG Datasheet
362Kb / 18P
   ROMLESS CMOS 8-BIT Z8 MCU
logo
STMicroelectronics
ST90R28 STMICROELECTRONICS-ST90R28 Datasheet
383Kb / 7P
   ROMLESS HCMOS MCU WITH RAM
logo
Zilog, Inc.
Z88C00 ZILOG-Z88C00 Datasheet
1Mb / 52P
   CMOS SUPER8 ROMLESS MCU
Z88C0020PSG ZILOG-Z88C0020PSG Datasheet
1Mb / 61P
   Z88C00 CMOS Super8 ROMless MCU
logo
STMicroelectronics
ST10F276-4TR3 STMICROELECTRONICS-ST10F276-4TR3 Datasheet
2Mb / 235P
   16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com