Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS29LF040 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS29LF040
Description  524288 BY 8-BIT FLASH MEMORIES
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS29LF040 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS29LF040 Datasheet HTML 3Page - Texas Instruments TMS29LF040 Datasheet HTML 4Page - Texas Instruments TMS29LF040 Datasheet HTML 5Page - Texas Instruments TMS29LF040 Datasheet HTML 6Page - Texas Instruments TMS29LF040 Datasheet HTML 7Page - Texas Instruments TMS29LF040 Datasheet HTML 8Page - Texas Instruments TMS29LF040 Datasheet HTML 9Page - Texas Instruments TMS29LF040 Datasheet HTML 10Page - Texas Instruments TMS29LF040 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
TMS29LF040, TMS29VF040
524288 BY 8BIT
FLASH MEMORIES
SMJS825D − SEPTEMBER 1995 − REVISED JUNE 1998
7
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
command definitions (continued)
Table 3. Command Definitions
COMMAND
BUS
CYCLES
1ST CYCLE
ADDR DATA
2ND CYCLE
ADDR DATA
3RD CYCLE
ADDR DATA
4TH CYCLE
ADDR DATA
5TH CYCLE
ADDR DATA
6TH CYCLE
ADDR DATA
Read‡
1
RA
RD
Reset/Read§
2
XXXXh F0h
RA
RD
Reset/Read§
4
5555h AAh
2AAAh 55h
5555h F0h
RA
RD
Algorithm selection
4
5555h AAh
2AAAh 55h
5555h 90h
RA
RD
Byte program
4
5555h AAh
2AAAh 55h
5555h A0h
PA
PD
Chip erase
6
5555h AAh
2AAAh 55h
5555h 80h
5555h AAh
2AAAh 55h
5555h 10h
Sector erase
6
5555h AAh
2AAAh 55h
5555h 80h
5555h AAh
2AAAh 55h
SA 30h
Sector-erase suspend
XXXXh B0h
Erase-suspend valid during sector-erase operation
Sector-erase resume
XXXXh 30h
Erase-resume valid only after erase-suspend
RA = Address of the location to be read
PA
= Address of the location to be programmed
SA = Address of the sector to be erased
Addresses A16, A17, and A18 select one of eight sectors
RD = Data to be read at selected address location
PD = Data to be programmed at selected address location
† Address pins A15, A16, A17, A18 = VIL or VIH for all bus cycle addresses except for program address (PA), sector address (SA), and read address
(RA).
‡ No command cycles are required when the device is in read mode.
§ The reset command is required to return to the read mode when the device is in the algorithm-selection mode or if DQ5 goes high.
reset/read command
The read mode is activated by writing either of the two reset command sequences into the command register.
The device remains in this mode until another valid command sequence is input into the command register.
Memory data is available in the read mode and can be read with standard microprocessor read-cycle timing.
On power up, the device defaults to the read mode; therefore, a reset command sequence is not required and
memory data is available.
algorithm-selection command
The algorithm-selection command allows access to a binary code that matches the device with the proper
programming and erase-command operations. After writing the three-bus-cycle command sequence, the first
byte of the algorithm-selection code (97h) can be read from address XX00h. The second byte of the code (94h)
can be read from address XX01h (see Table 2). This mode remains in effect until another valid command
sequence is written to the device.
Sector-protection can be determined using the algorithm-selection command. After issuing the three-bus-cycle
command sequence, the sector-protection status can be read on DQ0. Set address pins A0 = VIL and A1 = VIH.
The sector address pins A16, A17, and A18 select the sector to be checked. The remaining address pins can
be VIL or VIH. If the sector selected is protected, DQ0 outputs a 1. If the sector selected is not protected, DQ0
outputs a 0. This mode remains in effect until another valid command sequence is written to the device.
byte-program command
Byte-programming is a four-bus-cycle command sequence. The first three bus cycles put the device into the
program-setup state. The fourth bus cycle loads the address location and the data to be programmed into the
device. The addresses are latched on the falling edge of W and the data is latched on the rising edge of W inthe
fourth bus cycle. The rising edge of W starts the byte-program operation. The embedded byte-programming
function automatically provides voltage and timing to program and to verify the cell margin. Any further
commands written to the device during the program operation are ignored.


Similar Part No. - TMS29LF040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS29LF040 TI-TMS29LF040 Datasheet
493Kb / 38P
[Old version datasheet]   524288 BY 8-BIT FLASH MEMORIES
More results

Similar Description - TMS29LF040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS29LF040 TI-TMS29LF040 Datasheet
493Kb / 38P
[Old version datasheet]   524288 BY 8-BIT FLASH MEMORIES
TMS29F800T TI-TMS29F800T Datasheet
685Kb / 51P
[Old version datasheet]   1048576 BY 8-BIT/ 524288 BY 16-BIT FLASH MEMORIES
TMS29F400B TI-TMS29F400B Datasheet
670Kb / 51P
[Old version datasheet]   524288 BY 8-BIT/262144 BY 16-BIT FLASH MEMORIES
TMS29F040 TI-TMS29F040 Datasheet
482Kb / 37P
[Old version datasheet]   524288 BY 8-BIT FLASH MEMORY
TMS28F004AXY TI-TMS28F004AXY Datasheet
1Mb / 80P
[Old version datasheet]   524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F004AEB TI1-TMS28F004AEB Datasheet
1Mb / 80P
[Old version datasheet]   524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS29F002B TI1-TMS29F002B Datasheet
453Kb / 38P
[Old version datasheet]   262144 BY 8-BIT FLASH MEMORIES
TMS29F002RB TI1-TMS29F002RB Datasheet
517Kb / 41P
[Old version datasheet]   262144 BY 8-BIT FLASH MEMORIES
TMS29F008B TI1-TMS29F008B Datasheet
571Kb / 44P
[Old version datasheet]   1048576 BY 8-BIT FLASH MEMORIES
TMS29LF008B TI1-TMS29LF008B Datasheet
551Kb / 43P
[Old version datasheet]   1048576 BY 8-BIT FLASH MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com