Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS428169A-60DGER Datasheet(PDF) 6 Page - Texas Instruments

Part # TMS428169A-60DGER
Description  1048576 BY 16-BIT EXTENDED DATA OUT DYNAMIC RANDOM-ACCESS MEMORIES
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS428169A-60DGER Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS428169A-60DGER Datasheet HTML 2Page - Texas Instruments TMS428169A-60DGER Datasheet HTML 3Page - Texas Instruments TMS428169A-60DGER Datasheet HTML 4Page - Texas Instruments TMS428169A-60DGER Datasheet HTML 5Page - Texas Instruments TMS428169A-60DGER Datasheet HTML 6Page - Texas Instruments TMS428169A-60DGER Datasheet HTML 7Page - Texas Instruments TMS428169A-60DGER Datasheet HTML 8Page - Texas Instruments TMS428169A-60DGER Datasheet HTML 9Page - Texas Instruments TMS428169A-60DGER Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
TMS418169A, TMS428169A
1048576 BY 16-BIT EXTENDED DATA OUT
DYNAMIC RANDOM-ACCESS MEMORIES
SMKS892C – AUGUST 1996 – REVISED SEPTEMBER 1997
6
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
absolute maximum ratings over ambient temperature range (unless otherwise noted)
Supply voltage range, VCC:
TMS418169A
– 1 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TMS428169A
– 0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range on any pin (see Note 1): TMS418169A
– 1 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TMS428169A
– 0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Short-circuit output current
50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power dissipation
1 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Ambient temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to VSS.
recommended operating conditions
’418169A
’428169A
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
3
3.3
3.6
V
VSS
Supply voltage
0
0
V
VIH
High-level input voltage
2.4
6.5
2
VCC + 0.3
V
VIL
Low-level input voltage (see Note 2)
–1
0.8
– 0.3
0.8
V
TA
Ambient temperature
0
70
0
70
°C
NOTE 2: The algebraic convention, where the more negative (less positive) limit is designated as minimum, is used for logic-voltage levels only.


Similar Part No. - TMS428169A-60DGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS428160 TI-TMS428160 Datasheet
413Kb / 28P
[Old version datasheet]   1048576-WORD BY 16-BIT HIGH-SPEED DRAMS
TMS428160P TI-TMS428160P Datasheet
413Kb / 28P
[Old version datasheet]   1048576-WORD BY 16-BIT HIGH-SPEED DRAMS
More results

Similar Description - TMS428169A-60DGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ416160 TI-SMJ416160 Datasheet
364Kb / 24P
[Old version datasheet]   1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS465169 TI1-TMS465169 Datasheet
469Kb / 30P
[Old version datasheet]   4 194304 BY 16-BIT EXTENDED DATA OUT DYNAMIC RANDOM-ACCESS MEMORIES
logo
National Semiconductor ...
TMS416409A NSC-TMS416409A Datasheet
515Kb / 37P
   4194304 BY 4-BIT EXTENDED DATA OUT DYNAMIC RANDOM-ACCESS MEMORIES
logo
Texas Instruments
TMS417809A TI1-TMS417809A Datasheet
427Kb / 29P
[Old version datasheet]   2097152 BY 8-BIT EXTENDED DATA OUT DYNAMIC RANDOM-ACCESS MEMORIES
TMS464409 TI1-TMS464409 Datasheet
520Kb / 33P
[Old version datasheet]   16 777 216 BY 4-BIT EXTENDED DATA OUT DYNAMIC RANDOM-ACCESS MEMORIES
TMS44400_1998 TI1-TMS44400_1998 Datasheet
456Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS44400 TI-TMS44400 Datasheet
657Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS418160A TI-TMS418160A Datasheet
355Kb / 24P
[Old version datasheet]   1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORY
SMJ4C1024 TI-SMJ4C1024 Datasheet
414Kb / 27P
[Old version datasheet]   1048576 BY 1-BIT DYNAMIC RANDOM-ACCESS MEMORY
TMS664814DGE-8A TI1-TMS664814DGE-8A Datasheet
905Kb / 56P
[Old version datasheet]   16-BIT BY 4-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com