Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC2181 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TC2181
Description  Low Noise and High Dynamic Range Packaged GaAs FETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TC2181 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TC2181 Datasheet HTML 1Page - List of Unclassifed Manufacturers TC2181 Datasheet HTML 2Page - List of Unclassifed Manufacturers TC2181 Datasheet HTML 3Page - List of Unclassifed Manufacturers TC2181 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TRANSCOM
TC2181
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Shanhua Jen, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
77
TYPICAL SCATTERING PARAMETERS (TA=25
°°°°C)
VDS = 4 V, IDS = 25 mA
FREQUENCY
S11
S21
S12
S22
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
2
0.9466
-45.27
4.7204
138.76
0.0290
61.77
0.7774
-22.86
3
0.8992
-66.27
4.4365
120.08
0.0396
48.23
0.7580
-34.56
4
0.8408
-84.20
4.1742
103.05
0.0477
37.94
0.7395
-43.57
5
0.7773
-101.14
3.9371
86.89
0.0537
28.59
0.7191
-52.08
6
0.7030
-116.48
3.7614
71.87
0.0586
20.40
0.7011
-60.22
7
0.6246
-132.27
3.6415
57.05
0.0609
12.76
0.6793
-68.36
8
0.5210
-149.31
3.5115
41.83
0.0639
5.41
0.6598
-76.76
9
0.4356
-170.31
3.4665
26.02
0.0625
-1.28
0.6438
-83.16
10
0.3339
162.28
3.4607
10.46
0.0689
-7.68
0.6037
-90.66
11
0.2823
123.36
3.4022
-7.55
0.0685
-14.81
0.5905
-99.89
12
0.2873
75.57
3.3375
-25.01
0.0733
-24.74
0.5557
-110.39
13
0.3712
40.99
3.2126
-43.89
0.0722
-34.16
0.5615
-124.83
14
0.4997
21.87
2.8277
-61.45
0.0769
-55.60
0.5292
-140.37
15
0.5974
0.68
2.5760
-80.86
0.0754
-69.38
0.5056
-159.87
16
0.6783
-15.81
2.3064
-99.52
0.0733
-86.29
0.4924
-177.54
17
0.7357
-28.35
2.0749
-116.62
0.0726
-98.81
0.4759
165.28
18
0.7748
-38.97
1.8691
-131.76
0.0701
-118.72
0.4796
149.77
10.0
5.
0
3.
0
4.
0
-0.2
-
0.4
Swp Max
18GHz
Swp Min
2GHz
S11
0
15
30
15
0
165
-180
-165
-150
-3
0
-15
Swp Max
18 GHz
Swp Min
2 GHz
Mag Max
0.15
0.05
Per Div
S12
0
15
30
15
0
165
-180
-165
-1
50
-3
0
-15
Swp Max
18 GHz
Swp Min
2 GHz
Mag Max
6
2
Per Div
S21
10.0
5.0
3.0
4.0
-0.
2
-0.
4
Swp Max
18GHz
Swp Min
2GHz
S22


Similar Part No. - TC2181

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC2181 TRANSCOM-TC2181 Datasheet
284Kb / 4P
   Low Noise and High Dynamic Range Packaged GaAs FETs
More results

Similar Description - TC2181

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC2181 TRANSCOM-TC2181 Datasheet
284Kb / 4P
   Low Noise and High Dynamic Range Packaged GaAs FETs
TC2141 TRANSCOM-TC2141 Datasheet
776Kb / 4P
   Low Noise and High Dynamic Range Packaged GaAs FETs
TC2281 TRANSCOM-TC2281 Datasheet
287Kb / 4P
   Low Noise and High Dynamic Range Packaged GaAs FETs
TC2384 TRANSCOM-TC2384 Datasheet
192Kb / 4P
   Low Noise and Medium Power Packaged GaAs FETs
TC2381 TRANSCOM-TC2381 Datasheet
279Kb / 4P
   Low Noise and Medium Power Packaged GaAs FETs
TC2201 TRANSCOM-TC2201 Datasheet
159Kb / 4P
   Plastic Packaged Low Noise PHEMT GaAs FETs
logo
List of Unclassifed Man...
TC2182 ETC2-TC2182 Datasheet
104Kb / 4P
   Low Noise Ceramic Packaged PHEMT GaAs FETs
logo
Transcom, Inc.
TC2182 TRANSCOM-TC2182 Datasheet
227Kb / 3P
   Low Noise Ceramic Packaged PHEMT GaAs FETs
TC2282 TRANSCOM-TC2282 Datasheet
225Kb / 3P
   Low Noise Ceramic Packaged PHEMT GaAs FETs
TC2101 TRANSCOM-TC2101 Datasheet
167Kb / 4P
   Plastic Packaged Low Noise PHEMT GaAs FETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com